Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39200 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LD39200
Description  2 A high PSRR ultra low drop linear regulator with reverse current protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39200 Datasheet(HTML) 2 Page - STMicroelectronics

  LD39200_V01 Datasheet HTML 1Page - STMicroelectronics LD39200_V01 Datasheet HTML 2Page - STMicroelectronics LD39200_V01 Datasheet HTML 3Page - STMicroelectronics LD39200_V01 Datasheet HTML 4Page - STMicroelectronics LD39200_V01 Datasheet HTML 5Page - STMicroelectronics LD39200_V01 Datasheet HTML 6Page - STMicroelectronics LD39200_V01 Datasheet HTML 7Page - STMicroelectronics LD39200_V01 Datasheet HTML 8Page - STMicroelectronics LD39200_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
1
Block diagram
Figure 1. Block diagram
VIN
VOUT
500mV
PMOS
OPAMP
VFB
Bandgap
reference
R3
R4
RC filter
R2
R1
VREF
VFB
PG
EN
Power good
Enable
Internal
enable
Reverse
current
protection
500mV
AM13907V1
LD39200
Block diagram
DS10079 - Rev 3
page 2/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com