Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30H100C Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS30H100C
Description  100 V power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30H100C Datasheet(HTML) 5 Page - STMicroelectronics

  STPS30H100C Datasheet HTML 1Page - STMicroelectronics STPS30H100C Datasheet HTML 2Page - STMicroelectronics STPS30H100C Datasheet HTML 3Page - STMicroelectronics STPS30H100C Datasheet HTML 4Page - STMicroelectronics STPS30H100C Datasheet HTML 5Page - STMicroelectronics STPS30H100C Datasheet HTML 6Page - STMicroelectronics STPS30H100C Datasheet HTML 7Page - STMicroelectronics STPS30H100C Datasheet HTML 8Page - STMicroelectronics STPS30H100C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Figure 5. Reverse leakage current versus reverse voltage
applied (typical values, per diode)
0
10
20
30
40
50
60
70
80
90
100
1E-5
1E-4
1E-3
1E-2
1E-1
1E+0
2E+0
IR(mA)
Tj=25 °C
Tj=125 °C
V (V)
R
Figure 6. Junction capacitance versus reverse voltage
applied (typical values, per diode)
1
2
5
1 0
20
50
100
100
200
500
1000
C(pF)
F=1 MHz
VOSC=30 mVRMS
Tj=25 °C
V (V)
R
Figure 7. Forward voltage drop versus forward current (maximum values, per diode)
0.0
0.2
0.44
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1
10
100
200
IFM(A)
Tj=25 °C
Tj=125 °C
V
(V)
FM
STPS30H100C
Characteristics (curves)
DS1560 - Rev 9
page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com