Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30H100C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS30H100C
Description  100 V power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30H100C Datasheet(HTML) 4 Page - STMicroelectronics

  STPS30H100C Datasheet HTML 1Page - STMicroelectronics STPS30H100C Datasheet HTML 2Page - STMicroelectronics STPS30H100C Datasheet HTML 3Page - STMicroelectronics STPS30H100C Datasheet HTML 4Page - STMicroelectronics STPS30H100C Datasheet HTML 5Page - STMicroelectronics STPS30H100C Datasheet HTML 6Page - STMicroelectronics STPS30H100C Datasheet HTML 7Page - STMicroelectronics STPS30H100C Datasheet HTML 8Page - STMicroelectronics STPS30H100C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1.2
Characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current (per diode)
0
10
12
14
16
18
20
0
2
4
6
8
10
12
14
2
4
6
8
PF(AV)(W)
T
=tp/T
tp
I
(A)
F(AV)
= 1
= 0.1
= 0.05
= 0.5
= 0.2
δ
δ
δ
δ
δ
δ
Figure 2. Average forward current versus ambient
temperature (δ= 0.5, per diode)
0
75
100
125
150
175
0
2
4
6
8
10
12
14
16
18
Rth(j-a) = 15 °C/W
25
50
I
(A)
F(AV)
Rth(j-a)=Rth(j-c)
T
(°C)
amb
T
=tp/T
tp
δ
Figure 3. Normalized avalanche power derating versus
pulse duration (Tj= 125 °C)
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
Figure 4. Relative variation of thermal impedance junction
to case versus pulse duration
1E-4
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
Z
/ R
th(j-c)
th(j-c)
Single pulse
t (s)
p
STPS30H100C
Characteristics (curves)
DS1560 - Rev 9
page 4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com