Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30L60CT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS30L60CT
Description  Power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30L60CT Datasheet(HTML) 1 Page - STMicroelectronics

  STPS30L60CT Datasheet HTML 1Page - STMicroelectronics STPS30L60CT Datasheet HTML 2Page - STMicroelectronics STPS30L60CT Datasheet HTML 3Page - STMicroelectronics STPS30L60CT Datasheet HTML 4Page - STMicroelectronics STPS30L60CT Datasheet HTML 5Page - STMicroelectronics STPS30L60CT Datasheet HTML 6Page - STMicroelectronics STPS30L60CT Datasheet HTML 7Page - STMicroelectronics STPS30L60CT Datasheet HTML 8Page - STMicroelectronics STPS30L60CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
June 2012
Doc ID 6479 Rev 10
1/13
13
STPS30L60C
Power Schottky rectifier
Datasheet
− production data
Features
■
Low forward voltage drop
■
Negligible switching losses
■
Low thermal resistance
■
Avalanche capability specified
Description
These dual center tap Schottky rectifiers are
suited for switched mode power supplies and high
frequency DC to DC converters.
Packaged in TO-220FPAB, TO-220AB narrow
leads, TO-220AB, D2PAK, I2PAK and TO-247, this
device is intended for use in high frequency
inverters.
Figure 1.
Electrical characteristics (a)
a.
VARM and IARM must respect the reverse safe
operating area defined in Figure 12 VAR and IAR are
pulse measurements (tp < 1 µs). VR, IR, VRRM and VF,
are static characteristics
IF
2 x IO
IO
IR
IAR
VF(Io)
VTo
VF(2xIo)
VF
V
I
I
V
VR
VRRM
"Reverse"
"Forward"
VAR
X
X
Table 1.
Device summary
Symbol
Value
IF(AV)
2 x 15 A
VRRM
60 V
Tj (max)
150 °C
VF (max)
0.56 V
TO-220AB
STPS30L60CT
D2PAK
STPS30L60CG
I2PAK
STPS30L60CR
TO-247
STPS30L60CW
TO-220FPAB
STPS30L60CFP
A1
K
A2
A1
K
A2
A1
K
A2
A1
K
A2
A1
K
A2
A1
A2
K
TO-220AB narrow leads
STPS30L100CTN
A1
A2
K
K
www.st.com


Similar Part No. - STPS30L60CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30L60CT STMICROELECTRONICS-STPS30L60CT Datasheet
110Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30L60CT STMICROELECTRONICS-STPS30L60CT Datasheet
167Kb / 11P
Power Schottky rectifier
31-Mar-2007
logo
Inchange Semiconductor ...
STPS30L60CT ISC-STPS30L60CT Datasheet
270Kb / 2P
Schottky Barrier Rectifier
logo
SUNMATE electronic Co.,...
STPS30L60CT SUNMATE-STPS30L60CT Datasheet
1Mb / 2P
LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
STMicroelectronics
STPS30L60CT STMICROELECTRONICS-STPS30L60CT Datasheet
213Kb / 13P
Power Schottky rectifier
15-Jun-2012
More results

Similar Description - STPS30L60CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com