Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA1671IDBVT Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA1671IDBVT
Description  OPA1671 13-MHz, Low-Noise, Rail-to-Rail, Audio Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1671IDBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA1671IDBVT Datasheet HTML 3Page - Texas Instruments OPA1671IDBVT Datasheet HTML 4Page - Texas Instruments OPA1671IDBVT Datasheet HTML 5Page - Texas Instruments OPA1671IDBVT Datasheet HTML 6Page - Texas Instruments OPA1671IDBVT Datasheet HTML 7Page - Texas Instruments OPA1671IDBVT Datasheet HTML 8Page - Texas Instruments OPA1671IDBVT Datasheet HTML 9Page - Texas Instruments OPA1671IDBVT Datasheet HTML 10Page - Texas Instruments OPA1671IDBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Common-mode Voltage (V)
-3
-2.4
-1.8
-1.2
-0.6
0
0.6
1.2
1.8
2.4
3
-1250
-1000
-750
-500
-250
0
250
500
750
1000
1250
vosv
Frequency (Hz)
-20
0
-10
15
0
30
10
45
20
60
30
75
40
90
50
105
60
120
70
135
80
150
90
165
100
180
110
195
120
210
130
225
140
240
100m
1
10
100
1k
10k
100k
1M
10M
Aol_
Gain
Phase
Offset Drift (PV/qC)
-2.25
-1.5
-0.75
0
0.75
1.5
2.25
0
5
10
15
20
25
vosd
Temperature (qC)
-50
-25
0
25
50
75
100
125
-1250
-1000
-750
-500
-250
0
250
500
750
1000
1250
vosv
Offset Voltage (PV)
-1000
-500
0
500
1000
0
2
4
6
8
10
VOSH
Offset Voltage (PV)
-1000
-500
0
500
1000
0
2
4
6
8
10
VOSL
7
OPA1671
www.ti.com
SBOS931B – JANUARY 2019 – REVISED AUGUST 2019
Product Folder Links: OPA1671
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6.6 Typical Characteristics
at TA = 25°C, VS = ±2.5 V, VCM = VS / 2, RL = 10 kΩ connected to VS / 2 (unless otherwise noted)
N = 9904
VS = ±2.75 V
Figure 1. Offset Voltage Production Distribution
N = 9904
VS = ±0.85 V
Figure 2. Offset Voltage Production Distribution
N = 65
Figure 3. Offset Voltage Drift Distribution
N = 5
5 typical units
Figure 4. Offset Voltage vs Temperature
N = 65
Figure 5. Offset Voltage vs Common Mode Voltage
Figure 6. Open-Loop Gain and Phase vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com