Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA1671IDBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA1671IDBVT
Description  OPA1671 13-MHz, Low-Noise, Rail-to-Rail, Audio Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1671IDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA1671IDBVT Datasheet HTML 9Page - Texas Instruments OPA1671IDBVT Datasheet HTML 10Page - Texas Instruments OPA1671IDBVT Datasheet HTML 11Page - Texas Instruments OPA1671IDBVT Datasheet HTML 12Page - Texas Instruments OPA1671IDBVT Datasheet HTML 13Page - Texas Instruments OPA1671IDBVT Datasheet HTML 14Page - Texas Instruments OPA1671IDBVT Datasheet HTML 15Page - Texas Instruments OPA1671IDBVT Datasheet HTML 16Page - Texas Instruments OPA1671IDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
IOVERLOAD
10 mA max
5
NŸ
VIN
VOUT
+5 V
Current-limiting resistor
required if input voltage
exceeds supply rails by
> 0.3 V.
13
OPA1671
www.ti.com
SBOS931B – JANUARY 2019 – REVISED AUGUST 2019
Product Folder Links: OPA1671
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Operating Voltage
The OPA1671 op amp can be used with single or dual supplies from an operating range of VS = 1.7 V (±0.85 V)
up to 5.5 V (±2.75 V).
CAUTION
Supply voltages greater than 6 V can permanently damage the device (see Absolute
Maximum Ratings)
Key parameters that vary over the supply voltage or temperature range are shown in the Typical Characteristics
section.
7.3.2 Input Bias Current
Typically, input bias current is approximately ±10 pA. Input voltages exceeding the power supplies, however, can
cause excessive current to flow into or out of the input pins. Momentary voltages greater than the power supply
can be tolerated if the input current is limited to 10 mA. This limitation is easily accomplished with an input
resistor, as shown in Figure 30.
Unlike many operational amplifiers, there are no diodes connected between the positive and negative input
terminals. As a result, differential voltages up to the full supply voltage do not cause any significantly higher
current flow into the inputs.
Figure 30. Input Current Protection
7.3.3 Common-Mode Voltage Range
The OPA1671 features true rail-to-rail inputs, allowing full common mode operation from the negative supply
voltage to the positive supply voltage. This full common mode operation is achieved with complimentary N-
channel and P-channel differential input pairs. The N-channel pair is active for input voltages close to the positive
rail, typically (V+) – 1.25 V to (V+) The P-channel is active for common-mode inputs from (V–) to (V+) – 1.25 V.
There is a small transition region, typically from (V+) – 1.25 V to (V+) – 1 V. In this region, the offset voltage
transitions between the P-channel and N-channel offset values. Figure 5 shows the difference between offset in
the P and N regions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com