Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA1677DBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA1677DBVT
Description  OPA167x Low-Distortion Audio Operational Amplifiers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1677DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA1677DBVT Datasheet HTML 9Page - Texas Instruments OPA1677DBVT Datasheet HTML 10Page - Texas Instruments OPA1677DBVT Datasheet HTML 11Page - Texas Instruments OPA1677DBVT Datasheet HTML 12Page - Texas Instruments OPA1677DBVT Datasheet HTML 13Page - Texas Instruments OPA1677DBVT Datasheet HTML 14Page - Texas Instruments OPA1677DBVT Datasheet HTML 15Page - Texas Instruments OPA1677DBVT Datasheet HTML 16Page - Texas Instruments OPA1677DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, and RL = 2 kΩ, (unless otherwise noted)
0
10
20
30
40
50
60
70
0
100
200
300
400
500
600
Capacitive Load (pF)
C002
G = 1
Figure 6-25. Phase Margin vs Capacitive Load
0
10
20
30
40
50
60
0
100
200
300
400
500
600
Capacitive Load (pF)
VS = +/- 18 V
VS = +/- 2.25 V
C001
G = 1
Figure 6-26. Percent Overshoot vs Capacitive Load
-20
-15
-10
-5
0
5
10
Time (500 ns/div)
VIN
VOUT
C004
Gain = –10 V/V
Figure 6-27. Negative Overload Recovery
-10
-5
0
5
10
15
20
Time (500 ns/div)
VIN
VOUT
C004
Gain = –10 V/V
Figure 6-28. Positive Overload Recovery
1
10
100
1000
10000
10
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
C015
Figure 6-29. Open-Loop Output Impedance vs Frequency
-20
-15
-10
-5
0
5
10
15
20
Time (125 s/div)
VIN
VOUT
C004
Gain = 1 V/V
Figure 6-30. No Phase Reversal
www.ti.com
OPA1677, OPA1678, OPA1679
SBOS855E – JANUARY 2017 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA1677 OPA1678 OPA1679



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com