Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA656 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA656
Description  Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA656 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 7Page - Texas Instruments OPA656 Datasheet HTML 8Page - Texas Instruments OPA656 Datasheet HTML 9Page - Texas Instruments OPA656 Datasheet HTML 10Page - Texas Instruments OPA656 Datasheet HTML 11Page - Texas Instruments OPA656 Datasheet HTML 12Page - Texas Instruments OPA656 Datasheet HTML 13Page - Texas Instruments OPA656 Datasheet HTML 14Page - Texas Instruments OPA656 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
OPA725, OPA2725
OPA726, OPA2726
SBOS278B − SEPTEMBER 2003 − REVISED JANUARY 2004
www.ti.com
11
APPLICATIONS INFORMATION
OPA725 and OPA726 series 20MHz CMOS op amps have
a fast slew rate, low noise, and excellent PSRR, CMRR,
and AOL. These op amps can operate on typically 4.3mA
quiescent current from a single (or split) supply in the range
of 4V to 12V (
±2V to ±6V), making them highly versatile
and easy to use. They are stable in a unity-gain
configuration.
Power-supply pins should be bypassed with 1nF ceramic
capacitors in parallel with 1
µF tantalum capacitors.
OPERATING VOLTAGE
OPA725 series op amps are specified from 4V to 12V
supplies over a temperature range of −40
°C to +125°C.
They will operate well in
±5V or +5V to +12V power-supply
systems. Parameters that vary significantly with operating
voltage or temperature are shown in the Typical
Characteristics.
ENABLE/SHUTDOWN
OPA725 series op amps require approximately 4.3mA
quiescent current. The enable/shutdown feature of the
OPA726 allows the op amp to be shut off to reduce this
current to approximately 6
µA.
The enable/shutdown input is referenced to the Enable
Reference Pin, DGND (see Pin Configurations). This pin
can be connected to logic ground in dual-supply op amp
configurations to avoid level-shifting the enable logic
signal, as shown in Figure 1.
The Enable Reference Pin voltage, VDGND, must not
exceed (V+) − 2V. It may be set as low as V−. The amplifier
is enabled when the Enable Pin voltage is greater than
VDGND + 2V. The amplifier is disabled (shutdown) if the
Enable Pin voltage is less than VDGND + 0.8V. The Enable
Pin is connected to internal pull-up circuitry and will enable
the device if left unconnected.
COMMON-MODE VOLTAGE RANGE
The input common-mode voltage range of the OPA725
and OPA726 series extends from V− to (V+) − 2V.
Common-mode rejection is excellent throughout the input
voltage range from V− to (V+) − 3V. CMRR decreases
somewhat as the common-mode voltage extends to
(V+) − 2V, but remains very good and is tested throughout
this range. See the Electrical Characteristics table for
details.
DGND
Digital
Logic
Enable
OPA726
+12V
a) Single−Supply Configuration
b) Dual−Supply Configuration
DGND
Digital
Logic
Enable
OPA726
+5V
−5V
V
OUT
V
OUT
Figure 1. Enable Reference Pin Connection for
Single- and Dual-Supply Configurations
INPUT OVER-VOLTAGE PROTECTION
Device inputs are protected by ESD diodes that will
conduct if the input voltages exceed the power supplies by
more than approximately 300mV. Momentary voltages
greater than 300mV beyond the power supply can be
tolerated if the current is limited to 10mA. This is easily
accomplished with an input resistor in series with the op
amp, as shown in Figure 2. The OPA725 series features
no phase inversion when the inputs extend beyond
supplies, if the input is current limited.
R
OPA725
V+
V
−
V
IN
V
OUT
10mA max
I
OVERLOAD
Figure 2. Input Current Protection for Voltages
Exceeding the Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com