Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA656 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA656
Description  Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA656 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 9Page - Texas Instruments OPA656 Datasheet HTML 10Page - Texas Instruments OPA656 Datasheet HTML 11Page - Texas Instruments OPA656 Datasheet HTML 12Page - Texas Instruments OPA656 Datasheet HTML 13Page - Texas Instruments OPA656 Datasheet HTML 14Page - Texas Instruments OPA656 Datasheet HTML 15Page - Texas Instruments OPA656 Datasheet HTML 16Page - Texas Instruments OPA656 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
OPA725, OPA2725
OPA726, OPA2726
SBOS278B − SEPTEMBER 2003 − REVISED JANUARY 2004
www.ti.com
13
To achieve a maximally-flat, 2nd-order Butterworth
frequency response, the feedback pole should be set to:
1
2
pR
FCF
+
GBW
4
pR
FCD
Bandwidth is calculated by:
f*3dB +
GBW
2
pR
FCD
Hz
For
even
higher
transimpedance
bandwidth,
the
high-speed CMOS OPA354 (100MHz GBW), OPA300
(180 MHz GBW), OPA355 (200MHz GBW), or OPA656,
OPA657 (400MHz GBW) may be used.
For single-supply applications, the +IN input can be biased
with a positive dc voltage to allow the output to reach true
zero when the photodiode is not exposed to any light, and
respond without the added delay that results from coming
out of the negative rail. (Refer to Figure 6.) This bias
voltage also appears across the photodiode, providing a
reverse bias for faster operation.
OPA725
V
OUT
10M
Ω
V+
R
F
C
F
(1)
<1pF
λ
NOTE: (1) C
F is optional to prevent gain peaking.
It includes the stray capacitance of R
F.
+V
Bias
Figure 6. Single-Supply Transimpedance
Amplifier
For additional information, refer to Application Bulletin
SBOA055,
Compensate
Transimpedance
Amplifiers
Intuitively, available for download at www.ti.com.
OPTIMIZING THE TRANSIMPEDANCE
CIRCUIT
To achieve the best performance, components should be
selected according to the following guidelines:
1.
For lowest noise, select RF to create the total required
gain. Using a lower value for RF and adding gain after
the transimpedance amplifier generally produces
poorer noise performance. The noise produced by RF
increases with the square-root of RF, whereas the
signal increases linearly. Therefore, signal-to-noise
ratio is improved when all the required gain is placed
in the transimpedance stage.
2.
Minimize
photodiode
capacitance
and
stray
capacitance at the summing junction (inverting input).
This capacitance causes the voltage noise of the op
amp to be amplified (increasing amplification at high
frequency). Using a low-noise voltage source to
reverse-bias a photodiode can significantly reduce its
capacitance.
Smaller
photodiodes
have
lower
capacitance. Use optics to concentrate light on a small
photodiode.
3.
Noise increases with increased bandwidth. Limit the
circuit bandwidth to only that required. Use a capacitor
across the RF to limit bandwidth, even if not required
for stability.
4.
Circuit board leakage can degrade the performance of
an otherwise well-designed amplifier. Clean the circuit
board carefully. A circuit board guard trace that
encircles the summing junction and is driven at the
same voltage can help control leakage.
For additional information, refer to the Application Bulletins
Noise Analysis of FET Transimpedance Amplifiers
(SBOA060), and Noise Analysis for High-Speed Op Amps
(SBOA066), available for download at the TI web site.
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com