Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA855 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA855
Description  OPA855 8GHz Gain Bandwidth Product, Gain of 7V/V Stable, Bipolar Input Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 8Page - Texas Instruments OPA855 Datasheet HTML 9Page - Texas Instruments OPA855 Datasheet HTML 10Page - Texas Instruments OPA855 Datasheet HTML 11Page - Texas Instruments OPA855 Datasheet HTML 12Page - Texas Instruments OPA855 Datasheet HTML 13Page - Texas Instruments OPA855 Datasheet HTML 14Page - Texas Instruments OPA855 Datasheet HTML 15Page - Texas Instruments OPA855 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS+ = 2.5 V, VS– = –2.5 V, VIN+ = 0 V, RF = 453 Ω, gain = 7 V/V, RL = 200 Ω, and output load referenced to
midsupply (unless otherwise noted)
Frequency (Hz)
0
20
40
60
80
100
120
1M
10M
100M
1G
100k
10k
D525
CMRR
Small-signal response
Figure 6-25. Common-Mode Rejection Ratio vs Frequency
Frequency (Hz)
0
20
40
60
80
100
1M
10M
100M
1G
100k
10k
D526
PSRR+
PSRR
Small-signal response
Figure 6-26. Power Supply Rejection Ratio vs Frequency
Total Supply Voltage (V)
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
16
16.25
16.5
16.75
17
17.25
17.5
17.75
18
18.25
D560
Unit 1
Unit 2
Unit 3
3 typical units
Figure 6-27. Quiescent Current vs Supply Voltage
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
16
16.5
17
17.5
18
18.5
19
19.5
D561
VS = 3.3 V
VS = 5 V
Figure 6-28. Quiescent Current vs Ambient Temperature
Total Supply Voltage (V)
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
D563
Unit 1
Unit 2
Unit 3
3 typical units
Figure 6-29. Offset Voltage vs Supply Voltage
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
-0.25
-0.15
-0.05
0.05
0.15
0.25
D564
28 units tested, µ = 0.4 µV/°C, σ = 0.7 µV/°C
Figure 6-30. Offset Voltage vs Ambient Temperature
OPA855
SBOS622D – JULY 2018 – REVISED MAY 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com