Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA855 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA855
Description  OPA858 5.5GHz Gain Bandwidth Product, Gain of 7V/V Stable, FET Input Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 17Page - Texas Instruments OPA855 Datasheet HTML 18Page - Texas Instruments OPA855 Datasheet HTML 19Page - Texas Instruments OPA855 Datasheet HTML 20Page - Texas Instruments OPA855 Datasheet HTML 21Page - Texas Instruments OPA855 Datasheet HTML 22Page - Texas Instruments OPA855 Datasheet HTML 23Page - Texas Instruments OPA855 Datasheet HTML 24Page - Texas Instruments OPA855 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
power-down state, if the differential voltage between the input pins of the amplifier exceeds a diode voltage drop,
an additional low-impedance path is created between the noninverting input pin and the output pin.
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
9.1.1 Using the OPA858 as a Transimpedance Amplifier
The OPA858 design has been optimized to meet the industry's growing demand for wideband, low-noise
photodiode amplifiers. The closed-loop bandwidth of a transimpedance amplifier is a function of the following:
1. The total input capacitance. This includes the photodiode capacitance, input capacitance of the amplifier
(common-mode and differential capacitance) and any stray capacitance from the PCB.
2. The op amp gain bandwidth product (GBWP).
3. The transimpedance gain RF.
Figure 9-1 shows the OPA858 configured as a TIA with the avalanche photodiode (APD) reverse biased such
that the APD cathode is tied to a large positive bias voltage. In this configuration the APD sources current into
the op amp feedback loop so that the output swings in a negative direction relative to the input common-mode
voltage. To maximize the output swing in the negative direction, the OPA858 common-mode is set close to the
positive limit, 1.6 V from the positive supply rail.
+
±
GND
+
±
R
F
C
F
OPA858
5 V
GND
3.4 V
100 V
Figure 9-1. Transimpedance Amplifier Circuit
The feedback resistance RF and the input capacitance form a zero in the noise gain that results in instability
if left unchecked. To counteract the effect of the zero, a pole is inserted by adding the feedback capacitor
(CF.) into the noise gain transfer function. The Transimpedance Considerations for High-Speed Amplifiers
application report discusses theories and equations that show how to compensate a transimpedance amplifier
for a particular gain and input capacitance. The bandwidth and compensation equations from the application
report are available in an Excel® calculator. What You Need To Know About Transimpedance Amplifiers – Part 1
provides a link to the calculator.
The equations and calculators in the application report and blog posts referenced above are used to model the
bandwidth (f-3dB) and noise (IRN) performance of the OPA858 configured as a TIA. The resultant performance is
shown in Figure 9-2 and Figure 9-3. The left side Y-axis shows the closed-loop bandwidth performance, while
the right side of the graph shows the integrated input referred noise. The noise bandwidth to calculate IRN, for a
fixed RF and CPD is set equal to the f–3dB frequency.
www.ti.com
OPA858
SBOS629B – APRIL 2018 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA858



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com