Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA855 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA855
Description  OPA858 5.5GHz Gain Bandwidth Product, Gain of 7V/V Stable, FET Input Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 9Page - Texas Instruments OPA855 Datasheet HTML 10Page - Texas Instruments OPA855 Datasheet HTML 11Page - Texas Instruments OPA855 Datasheet HTML 12Page - Texas Instruments OPA855 Datasheet HTML 13Page - Texas Instruments OPA855 Datasheet HTML 14Page - Texas Instruments OPA855 Datasheet HTML 15Page - Texas Instruments OPA855 Datasheet HTML 16Page - Texas Instruments OPA855 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
6.6 Typical Characteristics (continued)
at VS+ = 2.5 V, VS– = –2.5 V, VIN+ = 0 V, RF = 453 Ω, gain = 7 V/V, RL = 200 Ω, output load referenced to midsupply, and TA =
25°C (unless otherwise noted)
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
D164
µ = 1 µV/°C
σ = 2.2 µV/°C
28 units tested
Figure 6-31. Offset Voltage vs Ambient Temperature
Common-Mode Voltage (V)
0
0.25 0.5 0.75
1
1.25 1.5 1.75
2
2.25 2.5 2.75
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
D165
Unit 1
Unit 2
Unit 3
VS = 3.3 V
3 typical units
Figure 6-32. Offset Voltage vs Input Common-Mode Voltage
Common-Mode Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
D166
Unit 1
Unit 2
Unit 3
VS = 5 V
3 typical units
Figure 6-33. Offset Voltage vs Input Common-Mode Voltage
Common-Mode Voltage (V)
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
D167
TA = 40qC
TA = 25qC
TA = 125qC
Figure 6-34. Offset Voltage vs Input Common-Mode Voltage vs
Ambient Temperature
Output Voltage (V)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
-4
-3
-2
-1
0
1
2
3
4
D168
Unit 1
Unit 2
Unit 3
VS = 3.3 V
3 typical units
Figure 6-35. Offset Voltage vs Output Swing
Output Voltage (V)
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
D169
Unit 1
Unit 2
Unit 3
VS = 5 V
3 typical units
Figure 6-36. Offset Voltage vs Output Swing
www.ti.com
OPA858
SBOS629B – APRIL 2018 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA858



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com