Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA830 Datasheet(PDF) 39 Page - Texas Instruments

Part # OPA830
Description  OPAx836 Very-Low-Power, Rail-to-Rail Out, Negative Rail In, Voltage-Feedback Operational Amplifiers
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA830 Datasheet(HTML) 39 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 35Page - Texas Instruments OPA830 Datasheet HTML 36Page - Texas Instruments OPA830 Datasheet HTML 37Page - Texas Instruments OPA830 Datasheet HTML 38Page - Texas Instruments OPA830 Datasheet HTML 39Page - Texas Instruments OPA830 Datasheet HTML 40Page - Texas Instruments OPA830 Datasheet HTML 41Page - Texas Instruments OPA830 Datasheet HTML 42Page - Texas Instruments OPA830 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
9.2.1.3 Application Curves
Figure 9-12 shows the THD+N performance with 100-kΩ and 300-Ω loads, and with A-weighting and with no
weighting. Both loads show similar performance. With no weighting, the THD+N performance is dominated by
the noise for both loads. A-weighting provides filtering that improves the noise, revealing the increased distortion
with RL = 300 Ω.
Figure 9-13 and Figure 9-14 show the FFT output with a 1-kHz tone and 100-kΩ and 300-Ω loads. To show
relative performance of the device versus the test set, one channel has the OPA836 device in-line between the
generator output and the analyzer. The other channel is in “Gen Mon” loopback mode, which internally connects
the signal generator to the analyzer input. With 100-kΩ load, Figure 9-13, the curves are indistinguishable from
each other except for noise, which means the OPA836 device cannot be directly measured. With 300-Ω load, as
shown in Figure 9-14, the main difference between the curves is that the OPA836 device shows slightly higher
even-order harmonics, but the performance of the test set masks the odd-order harmonics.
10
100
1k
10k
100k
f - Frequency - Hz
No weighting
R = 300
,
L
W
R = 100 k
L
W
-120
-115
-110
-105
-100
-95
-90
V = 5 V,
V
= 1 V
,
G = 1,
R = 0
,
BW = 80 kHz
S
OUT
RMS
F
W
A-weighting
R = 300
,
L
W
R = 100 k
L
W
Figure 9-12. OPA836 1 VRMS 20-Hz to 80-kHz
THD+N
0
2k
4k
6k
8k
10k
12k
14
16k
18k
20k
f - Frequency - Hz
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
R = 100k
L
Gen Mon - 100k
V = 5 V,
V
= 1 V
,
G = 1,
R = 0
S
OUT
RMS
F
W
Figure 9-13. OPA836 and AP Gen Mon 10-kHz FFT
Plot; VOUT = 1 VRMS, RL = 100 kΩ
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
2k
4k
6k
8k
10k
12k
14
16k
18k
20k
f - Frequency - Hz
V = 5 V,
V
= 1 V
,
G = 1,
R = 0
S
OUT
RMS
F
W
R = 300
L
Gen Mon - 300
Figure 9-14. OPA836 and AP Gen Mon 10-kHz FFT Plot; VOUT = 1 VRMS, RL = 300 Ω
www.ti.com
OPA836, OPA2836
SLOS712J – JANUARY 2011 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: OPA836 OPA2836



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com