Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA830 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA830
Description  OPAx836 Very-Low-Power, Rail-to-Rail Out, Negative Rail In, Voltage-Feedback Operational Amplifiers
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA830 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 8Page - Texas Instruments OPA830 Datasheet HTML 9Page - Texas Instruments OPA830 Datasheet HTML 10Page - Texas Instruments OPA830 Datasheet HTML 11Page - Texas Instruments OPA830 Datasheet HTML 12Page - Texas Instruments OPA830 Datasheet HTML 13Page - Texas Instruments OPA830 Datasheet HTML 14Page - Texas Instruments OPA830 Datasheet HTML 15Page - Texas Instruments OPA830 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
7.7 Electrical Characteristics: VS = 5 V
at VS+ = +5 V, VS– = 0 V, VOUT = 2 VPP, RF = 0 Ω, RL = 1 kΩ, G = 1 V/V, input and output referenced to mid-supply. TA =
25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
AC PERFORMANCE
Small-signal bandwidth
VOUT = 100 mVPP, G = 1
205
MHz
C
VOUT = 100 mVPP, G = 2
100
VOUT = 100 mVPP, G = 5
28
VOUT = 100 mVPP, G = 10
11.8
Gain-bandwidth product
VOUT = 100 mVPP, G = 10
118
MHz
C
Large-signal bandwidth
VOUT = 2 VPP, G = 2
87
MHz
C
Bandwidth for 0.1-dB flatness
VOUT = 2 VPP, G = 2
29
MHz
C
Slew rate, rise
VOUT = 2-V Step, G = 2
560
V/µs
C
Slew rate, fall
VOUT = 2-V Step, G = 2
580
V/µs
C
Rise time
VOUT = 2-V Step, G = 2
3
ns
C
Fall time
VOUT = 2-V Step, G = 2
3
ns
C
AC PERFORMANCE (continued)
Settling time to 1%, rise
VOUT = 2-V Step, G = 2
22
ns
C
Settling time to 1%, fall
VOUT = 2-V Step, G = 2
22
ns
C
Settling time to 0.1%, rise
VOUT = 2-V Step, G = 2
30
ns
C
Settling time to 0.1%, fall
VOUT = 2-V Step, G = 2
30
ns
C
Settling time to 0.01%, rise
VOUT = 2-V Step, G = 2
40
ns
C
Settling time to 0.01%, fall
VOUT = 2-V Step, G = 2
45
ns
C
Overshoot/Undershoot
VOUT = 2-V Step, G = 2
7.5%/5%
C
Second-order harmonic distortion
f = 10 kHz
–133
dBc
C
f = 100 kHz
–120
f = 1 MHz
–85
Third-order harmonic distortion
f = 10 kHz
–140
dBc
C
f = 100 kHz
–130
f = 1 MHz
–105
Second-order intermodulation distortion
f = 1 MHz, 200 kHz Tone Spacing,
VOUT Envelope = 2 VPP
–79
dBc
C
Third-order intermodulation distortion
f = 1 MHz, 200 kHz Tone Spacing,
VOUT Envelope = 2 VPP
–91
dBc
C
Signal-to-noise ratio, SNR
f = 1 kHz, VOUT = 1 VRMS,
22 kHz bandwidth
0.00013%
C
–117.6
dBc
Total harmonic distortion, THD
f = 1 kHz, VOUT = 1 VRMS
0.00003%
C
–130
dBc
Input voltage noise
f = 100 KHz
4.6
nV/√ Hz
C
Voltage noise 1/f corner frequency
215
Hz
C
Input current noise
f > 1 MHz
0.75
pA/√ Hz
C
Current noise 1/f corner frequency
31.7
kHz
C
Overdrive recovery time, over/under
Overdrive = 0.5 V
55/60
ns
C
Closed-loop output impedance
f = 100 kHz
0.02
Ω
C
Channel to channel crosstalk (OPA2836)
f = 10 kHz
–120
dB
C
DC PERFORMANCE
Open-loop voltage gain (AOL)
100
122
dB
A
Input referred offset voltage
TA = 25°C
–400
±65
400
µV
A
TA = 0°C to 70°C
–685
685
B
TA = –40°C to 85°C
–765
765
TA = –40°C to 125°C
–1080
1080
OPA836, OPA2836
SLOS712J – JANUARY 2011 – REVISED MARCH 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA836 OPA2836



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com