Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6268ITDX Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM8AF6268ITDX
Description  Automotive 8-bit MCU, with up to 32 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6268ITDX Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM8AF6268ITDX Datasheet HTML 51Page - STMicroelectronics STM8AF6268ITDX Datasheet HTML 52Page - STMicroelectronics STM8AF6268ITDX Datasheet HTML 53Page - STMicroelectronics STM8AF6268ITDX Datasheet HTML 54Page - STMicroelectronics STM8AF6268ITDX Datasheet HTML 55Page - STMicroelectronics STM8AF6268ITDX Datasheet HTML 56Page - STMicroelectronics STM8AF6268ITDX Datasheet HTML 57Page - STMicroelectronics STM8AF6268ITDX Datasheet HTML 58Page - STMicroelectronics STM8AF6268ITDX Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 99 page
background image
DocID14952 Rev 11
55/99
STM8AF6246/48/66/68
Electrical characteristics
93
Current consumption for on-chip peripherals
Table 24. Total current consumption in Halt and Active-halt modes.
General conditions for VDD apply, TA = −40 to 55 °C
Symbol
Parameter
Conditions
Typ
Max
Unit
Main
voltage
regulator
(MVR)(1)
Flash
mode(2)
Clock source and
specific
temperature
condition
IDD(H)
Supply current in Halt mode
Off
Power-
down
Clocks stopped
5
35(3)
µA
Clocks stopped,
TA = 25 °C
525
IDD(AH)
Supply current in Active-halt
mode with regulator on
On
Power-
down
Ext. clock 16 MHz
fMASTER = 125 kHz
770
900(3)
LSI clock 128 kHz
150
230(3)
Supply current in Active-halt
mode with regulator off
Off
Power-
down
LSI clock 128 kHz
25
42(3)
LSI clock 128 kHz,
TA = 25 °C
25
30
tWU(AH)
Wakeup time from Active-
halt mode with regulator on
On
Operating
mode
TA = -40 to 150 °C
10
30(3)
µs
Wakeup time from Active-
halt mode with regulator off
Off
50
80(3)
1. Configured by the REGAH bit in the CLK_ICKR register.
2. Configured by the AHALT bit in the FLASH_CR1 register.
3. Data based on characterization results. Not tested in production.
Table 25. Oscillator current consumption
Symbol
Parameter
Conditions
Typ
Max(1)
1. During startup, the oscillator current consumption may reach 6 mA.
Unit
IDD(OSC)
HSE oscillator current
consumption(2)
2. The supply current of the oscillator can be further optimized by selecting a high quality resonator with small
Rm value. Refer to crystal manufacturer for more details
Quartz or
ceramic
resonator,
CL = 33 pF
VDD = 5 V
fOSC = 24 MHz
1
2.0(3)
3. Informative data.
mA
fOSC = 16 MHz
0.6
-
fOSC = 8 MHz
0.57
-
Quartz or
ceramic
resonator,
CL = 33 pF
VDD = 3.3 V
fOSC = 24 MHz
0.5
1.0(3)
fOSC = 16 MHz
0.25
-
fOSC = 8 MHz
0.18
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com