Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6268ITDX Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM8AF6268ITDX
Description  Automotive 8-bit MCU, with up to 32 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6268ITDX Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM8AF6268ITDX Datasheet HTML 36Page - STMicroelectronics STM8AF6268ITDX Datasheet HTML 37Page - STMicroelectronics STM8AF6268ITDX Datasheet HTML 38Page - STMicroelectronics STM8AF6268ITDX Datasheet HTML 39Page - STMicroelectronics STM8AF6268ITDX Datasheet HTML 40Page - STMicroelectronics STM8AF6268ITDX Datasheet HTML 41Page - STMicroelectronics STM8AF6268ITDX Datasheet HTML 42Page - STMicroelectronics STM8AF6268ITDX Datasheet HTML 43Page - STMicroelectronics STM8AF6268ITDX Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 99 page
background image
Memory and register map
STM8AF6246/48/66/68
40/99
DocID14952 Rev 11
0x00 53E0
ADC
ADC _DB0RH
ADC data buffer register 0 high
0x00
0x00 53E1
ADC _DB0RL
ADC data buffer register 0 low
0x00
0x00 53E2
ADC _DB1RH
ADC data buffer register 1 high
0x00
0x00 53E3
ADC _DB1RL
ADC data buffer register 1 low
0x00
0x00 53E4
ADC _DB2RH
ADC data buffer register 2 high
0x00
0x00 53E5
ADC _DB2RL
ADC data buffer register 2 low
0x00
0x00 53E6
ADC _DB3RH
ADC data buffer register 3 high
0x00
0x00 53E7
ADC _DB3RL
ADC data buffer register 3 low
0x00
0x00 53E8
ADC _DB4RH
ADC data buffer register 4 high
0x00
0x00 53E9
ADC _DB4RL
ADC data buffer register 4 low
0x00
0x00 53EA
ADC _DB5RH
ADC data buffer register 5 high
0x00
0x00 53EB
ADC _DB5RL
ADC data buffer register 5 low
0x00
0x00 53EC
ADC _DB6RH
ADC data buffer register 6 high
0x00
0x00 53ED
ADC _DB6RL
ADC data buffer register 6 low
0x00
0x00 53EE
ADC _DB7RH
ADC data buffer register 7 high
0x00
0x00 53EF
ADC _DB7RL
ADC data buffer register 7 low
0x00
0x00 53F0
ADC _DB8RH
ADC data buffer register 8 high
0x00
0x00 53F1
ADC _DB8RL
ADC data buffer register 8 low
0x00
0x00 53F2
ADC _DB9RH
ADC data buffer register 9 high
0x00
0x00 53F3
ADC _DB9RL
ADC data buffer register 9 low
0x00
0x00 53F4 to
0x00 53FF
Reserved area (12 bytes)
0x00 5400
ADC
ADC _CSR
ADC control/status register
0x00
0x00 5401
ADC_CR1
ADC configuration register 1
0x00
0x00 5402
ADC_CR2
ADC configuration register 2
0x00
0x00 5403
ADC_CR3
ADC configuration register 3
0x00
0x00 5404
ADC_DRH
ADC data register high
0xXX
0x00 5405
ADC_DRL
ADC data register low
0xXX
0x00 5406
ADC_TDRH
ADC Schmitt trigger disable register
high
0x00
0x00 5407
ADC_TDRL
ADC Schmitt trigger disable register
low
0x00
0x00 5408
ADC _HTRH
ADC high threshold register high
0xFF
0x00 5409
ADC_HTRL
ADC high threshold register low
0x03
0x00 540A
ADC _LTRH
ADC low threshold register high
0x00
Table 11. General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com