Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM765800 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESM765800
Description  RECOVERY RECTIFIER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESM765800 Datasheet(HTML) 1 Page - STMicroelectronics

  ESM765800 Datasheet HTML 1Page - STMicroelectronics ESM765800 Datasheet HTML 2Page - STMicroelectronics ESM765800 Datasheet HTML 3Page - STMicroelectronics ESM765800 Datasheet HTML 4Page - STMicroelectronics ESM765800 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ESM765-800
®
August 1999 - Ed: 2B
RECOVERY RECTIFIER DIODES
IF(AV)
10 A
VRRM
800 V
Tj (max)
150°C
VF (max)
1.35 V
trr (max)
300 ns
MAIN PRODUCTS CHARACTERISTICS
Fast recovery rectifiers suited for applications in
combination with superswitch transistors.
DESCRIPTION
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
tp
≤ 20µs
800
V
IF(RMS)
RMS forward current
16
A
IF(AV)
Average forward current
Tc = 100°C
δ = 0.5
10
A
IFSM
Surge non repetitive forward current
Tp = 10 ms
Sinusoidal
120
A
Ptot
Power dissipation
Tc = 100°C
20
W
Tstg
Storage temperature range
- 40 to + 150
°C
Tj
Maximum operating junction temperature
+ 150
HIGH VOLTAGE CAPABILITY
FAST AND SOFT RECOVERY
THE
SPECIFICATIONS
AND
CURVES
ENABLE THE DETERMINATION OF THE trr
AND
IRM
AT
100°C
UNDER
USERS
CONDITIONS
MOTOR CONTROLS AND CONVERTERS
SWITCH MODE POWER SUPPLIES
INSULATED PACKAGE: TO-220AC
Insulating voltage = 2500 VRMS
FEATURES
K
A
TO-220AC
1/5


Similar Part No. - ESM765800

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
ESM765-100A NJSEMI-ESM765-100A Datasheet
49Kb / 1P
GENERAL PURPOSE INDUSTRIAL
ESM765-200A NJSEMI-ESM765-200A Datasheet
49Kb / 1P
GENERAL PURPOSE INDUSTRIAL
ESM765-400A NJSEMI-ESM765-400A Datasheet
49Kb / 1P
GENERAL PURPOSE INDUSTRIAL
ESM765-600A NJSEMI-ESM765-600A Datasheet
49Kb / 1P
GENERAL PURPOSE INDUSTRIAL
ESM765-800A NJSEMI-ESM765-800A Datasheet
49Kb / 1P
GENERAL PURPOSE INDUSTRIAL
More results

Similar Description - ESM765800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESM765PI-800 STMICROELECTRONICS-ESM765PI-800 Datasheet
84Kb / 4P
RECOVERY RECTIFIER DIODES
Aug-1999
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
Fast-Recovery Rectifier Diodes
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
FR301 EIC-FR301 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com