Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM765800 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESM765800
Description  RECOVERY RECTIFIER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESM765800 Datasheet(HTML) 2 Page - STMicroelectronics

  ESM765800 Datasheet HTML 1Page - STMicroelectronics ESM765800 Datasheet HTML 2Page - STMicroelectronics ESM765800 Datasheet HTML 3Page - STMicroelectronics ESM765800 Datasheet HTML 4Page - STMicroelectronics ESM765800 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25
°CVR = VRRM
20
mA
Tj = 100
°C
1mA
VF **
Forward voltage drop
Tj = 25
°CIF = 10 A
1.4
V
Tj = 100
°C
1.35
Pulse test : * tp = 5 ms,
δ < 2 %
** tp = 380
µs, δ < 2 %
To evaluate the conduction losses use the following equation :
P = 1.2 x IF(AV) + 0.015 x IF
2
(RMS)
VF = 1.2 + 0.015 IF
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Test conditions
Min.
Typ.
Max.
Unit
trr
Tj = 25
°CIF = 1A
dIF/dt = - 15A/
µs VR = 30V
300
ns
Qrr
Tj = 25
°CIF = 10A dIF/dt = - 50A/µs VR = 200V
2.3
µC
RECOVERY CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
2°C/W
THERMAL RESISTANCES
Fig. 1: Low frequency power losses versus
average current.
Fig. 2: Peak current versus form factor.
ESM765-800
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com