Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICSXXXXCGLFT Datasheet(PDF) 16 Page - Integrated Circuit Systems

Part # ICSXXXXCGLFT
Description  PCIe Gen 2 main Clock for Intel-based Servers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICSXXXXCGLFT Datasheet(HTML) 16 Page - Integrated Circuit Systems

Back Button ICSXXXXCGLFT Datasheet HTML 12Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 13Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 14Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 15Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 16Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 17Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 18Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 19Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 20Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
Integrated
Circuit
Systems, Inc.
ICS932S422C
1412A—12/10/07
SMBus Table: CPU Programmable Output Divider Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
CPUDiv3
RW
X
Bit 6
CPUDiv2
RW
X
Bit 5
CPUDiv1
RW
X
Bit 4
CPUDiv0
RW
X
Bit 3
X
Bit 2
X
Bit 1
X
Bit 0
X
SMBus Table: SRC and PCI Programmable Output Divider Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
PCIDiv3
RW
X
Bit 6
PCIDiv2
RW
X
Bit 5
PCIDiv1
RW
X
Bit 4
PCIDiv0
RW
X
Bit 3
SRC_Div3
RW
X
Bit 2
SRC_Div2
RW
X
Bit 1
SRC_Div1
RW
X
Bit 0
SRC_Div0
RW
X
SMBusTable: Test Byte Register
Test
Type
PWD
Bit 7
RW
0
Bit 6
RW
0
Bit 5
RW
0
Bit 4
RW
0
Bit 3
RW
0
Bit 2
RW
0
Bit 1
RW
0
Bit 0
RW
0
Note: Do NOT write to Bit 21. Erratic device operation will result!
-
-
Byte 19
Byte 20
See CPU, SRC and PCI
Divider Ratios Table
See CPU, SRC and PCI
Divider Ratios Table
RESERVED
RESERVED
RESERVED
RESERVED
CPU Divider Ratio
Programming Bits
-
ICS ONLY TEST
Reserved
-
ICS ONLY TEST
Reserved
-
ICS ONLY TEST
Reserved
-
ICS ONLY TEST
Reserved
-
ICS ONLY TEST
Reserved
-
ICS ONLY TEST
Reserved
-
ICS ONLY TEST
Reserved
Test Function
Test Result
-
ICS ONLY TEST
Reserved
Byte 21
-
SRC_ Divider Ratio
Programming Bits
-
-
-
-
PCI Divider Ratio
Programming Bits
-
-
-
-
See CPU, SRC and PCI
Divider Ratios Table
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com