Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICSXXXXCGLFT Datasheet(PDF) 17 Page - Integrated Circuit Systems

Part # ICSXXXXCGLFT
Description  PCIe Gen 2 main Clock for Intel-based Servers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICSXXXXCGLFT Datasheet(HTML) 17 Page - Integrated Circuit Systems

Back Button ICSXXXXCGLFT Datasheet HTML 13Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 14Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 15Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 16Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 17Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 18Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 19Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 20Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 21Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17
Integrated
Circuit
Systems, Inc.
ICS932S422C
1412A—12/10/07
PD is an asynchronous active high input used to shut off all clocks cleanly prior to system power down.
When PD is asserted, all clocks will be driven low before turning off the VCO. All clocks will start without glitches when PD is
PD, Power Down
D
PU
P
C#
U
P
CC
R
S#
C
R
SI
C
P
/
F
I
C
PB
S
UF
E
Re
t
o
N
1l
a
m
r
o
Nl
a
m
r
o
Nl
a
m
r
o
Nl
a
m
r
o
Nz
H
M
3
3z
H
M
8
4z
H
M
8
1
3
.
4
11
0r
o
2
*
f
e
r
I
t
a
o
l
F
t
a
o
l
F2
*
f
e
r
I
t
a
o
l
F
r
o
t
a
o
l
Fw
o
Lw
o
Lw
o
L1
Notes:
1. Refer to SMBus Byte 4 for additional information.
PD should be sampled low by 2 consecutive CPU# rising edges before stopping clocks. All single ended clocks will be
held low on their next high to low transition.
All differential clocks will be held high on the next high to low transition of the complimentary clock. If the control register
determining to drive mode is set to 'tri-state', the differential pair will be stopped in tri-state mode, undriven.
When the drive mode corresponding to the CPU or SRC clock of interest is set to '0' the true clock will be driven high at 2 x
Iref and the complementary clock will be tristated. If the control register is programmed to '1' both clocks will be tristated.
See SMBus Byte 4 for additional information.
PD Assertion
CPU, SRC and PCI Divider Ratios
Div(3:0)
Divider
00000
2
10001
3
20010
5
30011
15
40100
4
50101
6
60110
10
70111
30
81000
8
91001
12
10
1010
20
11
1011
60
12
1100
16
13
1101
24
14
1110
40
15
1111
120
REF Drive Strength Functionality
Byte6,
bit 4
Byte 10,
bit 1
Byte 10,
bit 0
REF1
REF0
0X
X
1x
1x
10
0
1x
1x
10
1
1x
2x
11
0
2x
1x
11
1
2x
2x
PD
CPU, 133MHz
CPU#, 133MHz
SRC, 100MHz
SRC#, 100MHz
USB, 48MHz
PCI, 33MHz
REF, 14.31818



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com