Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETC5064 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ETC5064
Description  POWER AMPLIFIER SERIAL INTERFACE CODEC/FILTERWITH RECEIVE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETC5064 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ETC5064 Datasheet HTML 3Page - STMicroelectronics ETC5064 Datasheet HTML 4Page - STMicroelectronics ETC5064 Datasheet HTML 5Page - STMicroelectronics ETC5064 Datasheet HTML 6Page - STMicroelectronics ETC5064 Datasheet HTML 7Page - STMicroelectronics ETC5064 Datasheet HTML 8Page - STMicroelectronics ETC5064 Datasheet HTML 9Page - STMicroelectronics ETC5064 Datasheet HTML 10Page - STMicroelectronics ETC5064 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ANALOG INTERFACE WITH POWER AMPLIFIERS (all devices)
Symbol
Parameter
Min.
Typ.
Max.
Unit
IPI
Input Leakage Current (– 1.0 V
≤ VPI ≤ 1.0 V)
– 100
100
nA
RIPI
Input Resistance (– 1.0
≤ VPI ≤ 1.0 V)
10
M
Ω
VIOS
Input Offset Voltage
– 25
25
mV
ROP
Output Resistance (inverting unity–gain at VPO
+ or VPO –)1
Ω
FC
Unity–gain Bandwidth, Open Loop (VPO
–)
400
kHz
CLP
Load Capacitance (VPO
+ or VPO – to GNDA)
RL
≥ 1500 Ω
RL = 600
Ω
RL = 300
Ω
100
500
1000
pF
GAp
+
Gain VPO
– to VPO + to GNDA, Level at VPO – = 1. 77 Vrms
(+ 3 dBmO)
– 1
V/V
PSRRp
Power Supply Rejection of VCC or VBB
(VPO
– connected to VPI)
0 kHz – 4 kHz
0 kHz – 50 kHz
60
36
dB
POWER DISSIPATION (all devices)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC0
Power-down Current at ETC6064/67
ETC5064-X/67-X
0.5
0.5
1.5
mA
mA
IBB0
Power-down Current at ETC6064/67
ETC5064-X/67-X
0.05
0.05
0.3
0.4
mA
mA
ICC1
Active Current at ETC6064/67
ETC5064-X/67-X
7.0
7.0
10.0
12.0
mA
mA
IBB1
Active Current at ETC6064/67
ETC5064-X/67-X
7.0
7.0
10.0
12.0
mA
mA
ELECTRICAL OPERATING CHARACTERISTICS (Continued)
ETC5064 - ETC5064-X - ETC5067 - ETC5067-X
7/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com