Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETC5064 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ETC5064
Description  POWER AMPLIFIER SERIAL INTERFACE CODEC/FILTERWITH RECEIVE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETC5064 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ETC5064 Datasheet HTML 2Page - STMicroelectronics ETC5064 Datasheet HTML 3Page - STMicroelectronics ETC5064 Datasheet HTML 4Page - STMicroelectronics ETC5064 Datasheet HTML 5Page - STMicroelectronics ETC5064 Datasheet HTML 6Page - STMicroelectronics ETC5064 Datasheet HTML 7Page - STMicroelectronics ETC5064 Datasheet HTML 8Page - STMicroelectronics ETC5064 Datasheet HTML 9Page - STMicroelectronics ETC5064 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ELECTRICAL OPERATING CHARACTERISTICS
VCC = 5.0V
±5%,VBB =-5V±5%, GNDA =0V, TA =0°Cto70°C (ETC5064-X/67-X:TA =–40°Cto85°), unless
otherwise noted; typical characteristics specified at VCC = 5.0V, VBB =-5.0V, TA =25
°C; all signals are refer-
enced to GNDA.
DIGITAL INTERFACE (All devices)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIL
Input Low Voltage
0.6
V
VIH
Input High Voltage
2.2
V
VOL
Output Low Voltage
IL = 3.2 mA
DX
IL = 3.2 mA, Open Drain
TSX
0.4
0.4
V
V
VOH
Output High Voltage
IH = 3.2 mA
DX
2.4
V
IIL
Input Low Current (GNDA
≤ VIN ≤ VIL )all digital inputs
Except BCLKR
–10
10
µA
IIH
Input High Current (VIH
≤ VIN ≤ VCC) Except ANLB
– 10
10
µA
IOZ
Output Current in High Impedance State (TRI-STAT E)
(GNDA
≤ VO ≤ VCC)DX
–10
10
µA
ANALOG INTERFACE WITH TRANSMIT INPUT AMPLIFIER (all devices)
Symbol
Parameter
Min.
Typ.
Max.
Unit
IIXA
Input Leakage Current
VFxI
+ or VFxI –
(– 2.5 V
≤ V ≤ + 2.5 V)
– 200
200
nA
RIXA
Input Resistance
VFXI
+ or VFXI –
(– 2.5 V
≤ V ≤ + 2.5 V)
10
M
Ω
ROXA
Output Resistance (closed loop, unity gain)
1
3
Ω
RLXA
Load Resistance
GSX
10
k
Ω
CLXA
Load Capacitance
GSX
50
pF
VOXA
Output Dynamic Range (RL
≥ 10 kΩ)GSX
– 2.8
+2.8
V
AVXA
Voltage Gain (VFXI
+ to GS
X)
5000
V/V
FUXA
Unity Gain Bandwidth
1
2
MHz
VOSXA
Offset Voltage
– 20
20
mV
VCMXA
Common-mode Voltage
– 2.5
2.5
V
CMRRXA
Common-mode Rejection Ratio
60
dB
PSRRXA
Power Supply Rejection Ratio
60
dB
ANALOG INTERFACE WITH RECEIVE FILTER (all devices)
Symbol
Parameter
Min.
Typ.
Max.
Unit
RORF
Output Resistance
VFRO1
3
Ω
RLRF
Load Resistance (VFRO=
± 2.5 V)
10
k
Ω
CLRF
Load Capacitance
25
pF
VOSRO
Output DC Offset Voltage
– 200
200
mV
ETC5064 - ETC5064-X - ETC5067 - ETC5067-X
6/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com