Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS66WVR4M8BLL-R104KLI Datasheet(PDF) 25 Page - Integrated Silicon Solution, Inc

Part # IS66WVR4M8BLL-R104KLI
Description  1.8V/3.0V, 104MHz, Continuous Operation, SPI & QPI Protocol
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVR4M8BLL-R104KLI Datasheet(HTML) 25 Page - Integrated Silicon Solution, Inc

Back Button IS66WVR4M8BLL-R104KLI Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104KLI Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104KLI Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104KLI Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104KLI Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104KLI Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104KLI Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104KLI Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104KLI Datasheet HTML 29Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
IS66/67WVR4M8ALL/BLL
Integrated Silicon Solution, Inc.- www.issi.com
25
Rev. A2
07/08/2024
7. ELECTRICAL CHARACTERISTICS
7.1 ABSOLUTE MAXIMUM RATINGS (1)
Storage Temperature
-65°C to +150°C
Input Voltage with Respect to Ground on All Pins
ALL
-0.3V to VCC + 0.3V
BLL
-0.5V to VCC + 0.3V
All Output Voltage with Respect to Ground
ALL
-0.3V to VCC + 0.5V
BLL
-0.5V to VCC + 0.5V
VCC
ALL
-0.5V to +2.5V
BLL
-0.5V to +6.0V
Notes:
1.
Applied conditions greater than those listed in “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
7.2 OPERATING RANGE
Operating Temperature
Industrial Grade
-40°C to 85°C
Automotive Grade A1
-40°C to 85°C
Automotive Grade A2
-40°C to 105°C
VCC Power Supply
IS66/67WVR4M8ALL
1.65V (VMIN)
–1.95V (VMAX); 1.8V (Typ)
IS66/67WVR4M8BLL
2.7V (VMIN)
–3.6V (VMAX); 3.0V (Typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com