Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00 Datasheet(PDF) 18 Page - STMicroelectronics

Part # M41T00
Description  Serial real-time clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M41T00 Datasheet HTML 14Page - STMicroelectronics M41T00 Datasheet HTML 15Page - STMicroelectronics M41T00 Datasheet HTML 16Page - STMicroelectronics M41T00 Datasheet HTML 17Page - STMicroelectronics M41T00 Datasheet HTML 18Page - STMicroelectronics M41T00 Datasheet HTML 19Page - STMicroelectronics M41T00 Datasheet HTML 20Page - STMicroelectronics M41T00 Datasheet HTML 21Page - STMicroelectronics M41T00 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Maximum ratings
M41T00
18/25
DocID6100 Rev 10
4
Maximum ratings
Stressing the device above the rating listed in the "Absolute maximum ratings" table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied.
Caution:
Negative undershoots below -0.3 V are not allowed on any pin while in the backup mode.
Table 6. Absolute maximum ratings
Symbol
Parameter
Value
Unit
TSTG
Storage temperature (VCC off, oscillator off)
–55 to 125
°C
TA
Ambient operating temperature
-40 to 85
°C
VIO
Input or output voltages
–0.3 to 7
V
TSLD(1)
1. Reflow at peak temperature of 260°C (total thermal budget not to exceed 245 °C for greater than 30
seconds).
Lead solder temperature for 10 seconds
260
°C
VCC
Supply voltage
–0.3 to 7
V
IO
Output current
20
mA
PD
Power dissipation
0.25
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com