Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20L15 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS20L15
Description  Low drop OR-ing power Schottky diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L15 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS20L15 Datasheet HTML 1Page - STMicroelectronics STPS20L15 Datasheet HTML 2Page - STMicroelectronics STPS20L15 Datasheet HTML 3Page - STMicroelectronics STPS20L15 Datasheet HTML 4Page - STMicroelectronics STPS20L15 Datasheet HTML 5Page - STMicroelectronics STPS20L15 Datasheet HTML 6Page - STMicroelectronics STPS20L15 Datasheet HTML 7Page - STMicroelectronics STPS20L15 Datasheet HTML 8Page - STMicroelectronics STPS20L15 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
October 2016
DocID5512 Rev 4
1/12
This is information on a product in full production.
www.st.com
STPS20L15
Low drop OR-ing power Schottky diode
Datasheet - production data
Features
Very low forward voltage drop for less power
dissipation and reduced heatsink size
Reverse voltage suited to OR-ing of 3 V, 5 V
and 12 V rails
Avalanche capability specified
ECOPACK®2 compliant component for
D²PAK on demand
Description
Packaged in TO-220AC or D²PAK, this device is
especially intended for use as an OR-ing diode in
fault tolerant power supply equipments.
Table 1: Device summary
Symbol
Value
IF(AV)
20 A
VRRM
15 V
VF (typ.)
0.28 V
Tj (max.)
125 °C
K
K
A
K
K
NC
NC
A
A
TO-220AC
D²PAK
A
K


Similar Part No. - STPS20L15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20L15 STMICROELECTRONICS-STPS20L15 Datasheet
93Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-1999
logo
SUNMATE electronic Co.,...
STPS20L150CT SUNMATE-STPS20L150CT Datasheet
889Kb / 2P
LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
STMicroelectronics
STPS20L15D STMICROELECTRONICS-STPS20L15D Datasheet
93Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-1999
logo
International Rectifier
STPS20L15D IRF-STPS20L15D Datasheet
276Kb / 7P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
STPS20L15D VISHAY-STPS20L15D Datasheet
110Kb / 6P
Schottky Rectifier, 20 A
22-Aug-08
More results

Similar Description - STPS20L15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS120L15TV STMICROELECTRONICS-STPS120L15TV Datasheet
46Kb / 4P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-1999
STPS20L15D STMICROELECTRONICS-STPS20L15D Datasheet
93Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-1999
STPS40L15CW STMICROELECTRONICS-STPS40L15CW Datasheet
84Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Nov-1999
STPS60L15CW STMICROELECTRONICS-STPS60L15CW Datasheet
57Kb / 4P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-2003
STPS80L15CY STMICROELECTRONICS-STPS80L15CY Datasheet
131Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80L15TV STMICROELECTRONICS-STPS80L15TV Datasheet
49Kb / 4P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-1999
STPS20L15D STMICROELECTRONICS-STPS20L15D_03 Datasheet
92Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-2003
STPS40L15CW STMICROELECTRONICS-STPS40L15CW_03 Datasheet
83Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-2003
STPS40L15C STMICROELECTRONICS-STPS40L15C_11 Datasheet
112Kb / 8P
Low drop OR-ing power Schottky diode
18-Jul-2011
STPS40L15C STMICROELECTRONICS-STPS40L15C Datasheet
112Kb / 8P
Low drop OR-ing power Schottky diode
18-Jul-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com