Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20L15 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS20L15
Description  Low drop OR-ing power Schottky diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L15 Datasheet(HTML) 3 Page - STMicroelectronics

  STPS20L15 Datasheet HTML 1Page - STMicroelectronics STPS20L15 Datasheet HTML 2Page - STMicroelectronics STPS20L15 Datasheet HTML 3Page - STMicroelectronics STPS20L15 Datasheet HTML 4Page - STMicroelectronics STPS20L15 Datasheet HTML 5Page - STMicroelectronics STPS20L15 Datasheet HTML 6Page - STMicroelectronics STPS20L15 Datasheet HTML 7Page - STMicroelectronics STPS20L15 Datasheet HTML 8Page - STMicroelectronics STPS20L15 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STPS20L15
Characteristics
DocID5512 Rev 4
3/12
1.1
Characteristics (curves)
Figure 1: Average forward power dissipation
versus average forward current
Figure 2: Average forward current versus ambient
temperature (δ = 1)
Figure 3: Normalized avalanche power derating
versus pulse duration (Tj = 125 °C)
Figure 4: Relative variation of thermal impedance
junction to case versus pulse duration
Figure 5: Reverse leakage current versus reverse
voltage applied (typical values)
Figure 6: Junction capacitance versus reverse
voltage applied (typical values)
0
1
2
3
4
5
6
7
8
= 1
= 0.5
= 0.2
= 0.1
= 0.05
T
= tp/T
tp
δ
δ
δ
δ
δ
δ
PF(AV)(W)
IF(AV)(A)
0
2
4
6
8
10
12
14
16
18
20
22
0
2
4
6
8
10
12
14
16
18
20
22
T
= tp/T
tp
IF(AV)(A)
δ
Tamb(°C)
Rth(j-a) = Rth(j-c)
Rth(j-a) = 15 °C/W
Rth(j-a) = 35 °C/W
0
25
50
75
100
125
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
1. 0E -4
1. 0E -3
1. 0E -2
1. 0E -1
1. 0E +0
0. 0
0. 2
0. 4
0. 6
0. 8
1. 0
T
= tp/T
tp
Zth(j-c)/Rth(j-c)
δ
δ = 0.1
δ = 0.5
δ = 0.2
Single pulse
tp(s)
1E -1
1E +0
1E +1
1E +2
5E +2
IR(mA)
0
2
4
6
8
10
12
14
16
VR(V)
Tj = 100 °C
Tj = 25 °C
0. 1
1. 0
5. 0
C(nF)
VR(V)
1
2
5
10
20
F = 1 MHz
Tj = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com