Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20H100CG Datasheet(PDF) 17 Page - STMicroelectronics

Part # STPS20H100CG
Description  100 V, 20 A power Schottky rectifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20H100CG Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STPS20H100CG Datasheet HTML 10Page - STMicroelectronics STPS20H100CG Datasheet HTML 11Page - STMicroelectronics STPS20H100CG Datasheet HTML 12Page - STMicroelectronics STPS20H100CG Datasheet HTML 13Page - STMicroelectronics STPS20H100CG Datasheet HTML 14Page - STMicroelectronics STPS20H100CG Datasheet HTML 15Page - STMicroelectronics STPS20H100CG Datasheet HTML 16Page - STMicroelectronics STPS20H100CG Datasheet HTML 17Page - STMicroelectronics STPS20H100CG Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Revision history
Table 9. Document revision history
Date
Revision
Changes
Jul-2003
4G
Previous release
21-Mar-2007
5
Removed ISOWATT package
10-Sep-2007
6
Reformatted cover page to current standards - no technical changes. Updated
dimensions A1, b, b1, c, c2, L, and L1 in Table 8.
22-Sep-2011
7
Updated Table 8.
21-May-2015
8
Updated features, and packages silhouette in cover page. Updated Section 1:
"Characteristics" and Section 1.1: "Characteristics (curves)". Updated Section
2.2: "D²PAK package information".
16-Apr-2018
9
Updated I²PAK package mechanical data.
20-Jan-2020
10
Updated Section 1 Characteristics and Table 8. Ordering information. Added
Section Applications.
STPS20H100C
DS1216 - Rev 10
page 17/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com