Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20H100CG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS20H100CG
Description  100 V, 20 A power Schottky rectifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20H100CG Datasheet(HTML) 2 Page - STMicroelectronics

  STPS20H100CG Datasheet HTML 1Page - STMicroelectronics STPS20H100CG Datasheet HTML 2Page - STMicroelectronics STPS20H100CG Datasheet HTML 3Page - STMicroelectronics STPS20H100CG Datasheet HTML 4Page - STMicroelectronics STPS20H100CG Datasheet HTML 5Page - STMicroelectronics STPS20H100CG Datasheet HTML 6Page - STMicroelectronics STPS20H100CG Datasheet HTML 7Page - STMicroelectronics STPS20H100CG Datasheet HTML 8Page - STMicroelectronics STPS20H100CG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
1
Characteristics
Table 1. Absolute ratings (limiting values, per diode, at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(RMS) Forward rms current
30
A
IF(AV)
Average forward current δ = 0.5, square
wave
TO-220AB, D2PAK, I2PAK TC = 160 °C
Per diode
10
A
Per device
20
TO-220FPAB
TC = 145 °C Per diode
10
TC = 125 °C Per device
20
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
250
A
PARM
Repetitive peak avalanche power
tp = 10 µs, Tj= 125 °C
775
W
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature (1)
+ 175
°C
1. (dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 2. Thermal resistance parameter
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220AB, D2PAK, I2PAK
Per diode
1.6
°C/W
TO-220FPAB
4
TO-220AB, D2PAK, I2PAK
Total
0.9
TO-220FPAB
3.2
Rth(c)
Coupling
TO-220AB, D2PAK, I2PAK
-
0.15
°C/W
TO-220FPAB
2.5
When the diodes 1 and 2 are used simultaneously :
ΔTj(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
For more information, please refer to the following application note :
•
AN5088 : Rectifiers thermal management, handling and mounting recommendations
Table 3. Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
4.5
µA
Tj = 125 °C
-
2
6
mA
VF(2)
Forward voltage drop
Tj = 25 °C
IF = 10 A
-
0.77
V
IF = 20 A
-
0.88
Tj = 125 °C
IF = 10 A
-
0.59
0.64
IF = 20 A
-
0.67
0.73
STPS20H100C
Characteristics
DS1216 - Rev 10
page 2/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com