Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

101FTN Datasheet(PDF) 1 Page - Multicomp Pro

Part # 101FTN
Description  General Purpose Transparent Storage Box 10 Compartment
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

101FTN Datasheet(HTML) 1 Page - Multicomp Pro

  101FTN Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General Purpose Transparent
Storage Box 10 Compartment
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where
the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Page <1>
27/07/22
V1.1
Description
Part Number
General Purpose Transparent Storage Box, 10 Compartment
101FTN
Part Number Table
Overview
Handy, strong injection-moulded polypropylene container for use on display and featuring excellent transparency.
Specifications
External Dimensions - Metric (W × D × H)
: 165mm × 112mm × 31mm
External Dimensions - Imperial (W × D × H)
: 6.50″ × 4.41″ × 1.22″
Box Type
: General Purpose Storage
Box Material
: Polypropylene
Box Colour
: Transparent
Dimensions:
* = mm.
() = inch.


Similar Part No. - 101FTN

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
101F HAMMOND-101F Datasheet
127Kb / 2P
Miniature Audio Potted 101 Series
2/7/2021
More results

Similar Description - 101FTN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F841 FAIRCHILD-74F841 Datasheet
47Kb / 6P
10-Bit Transparent Latch
logo
CSB Battery Co., Ltd.
GPL121000 CSB-BATTERY-GPL121000 Datasheet
533Kb / 2P
general purpose battery up to 10
logo
First Components Intern...
FG1001 FCI-FG1001_1 Datasheet
4Mb / 2P
10 Amps General Purpose Plastic Rectifiers
logo
Ralston Instruments.
NPAK-0080 RALSTON-NPAK-0080 Datasheet
206Kb / 1P
NPAK gauge compartment with foam liner
logo
SeCoS Halbleitertechnol...
P10A05 SECOS-P10A05_15 Datasheet
135Kb / 2P
10 A, General Purpose Rectifiers
logo
Ralston Instruments.
NPAK-2FBA-6-3 RALSTON-NPAK-2FBA-6-3_16 Datasheet
427Kb / 1P
Includes storage compartment in control panel for pressure reference test gauge
logo
PHOENIX CONTACT
CRIMPFOX-M-10 PHOENIX-CRIMPFOX-M-10 Datasheet
51Kb / 3P
Die, for Crimpfox-M, for ferrules 0.25 - 10 mm짼, packed in a serial storage box
logo
SparkFun Electronics
TOL-11527 SPARKFUN-TOL-11527 Datasheet
220Kb / 1P
Modular Plastic Storage Box - Small (10 pack)
8/3/2016
TOL-11528 SPARKFUN-TOL-11528 Datasheet
212Kb / 1P
Modular Plastic Storage Box - Medium (4 pack)
8/3/2016
logo
RFE international
MEB RFE-MEB Datasheet
1Mb / 7P
Metalized Polyester Film Capacitors MEB: General Purpose, Box Type
2-OCT-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com