Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS Datasheet(PDF) 1 Page - Electrolube

Part # PCS
Description  Peelable Coating Mask - Synthetic
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELECTROLUBE [Electrolube]
Direct Link  https://electrolube.com/
Logo ELECTROLUBE - Electrolube

PCS Datasheet(HTML) 1 Page - Electrolube

  PCS Datasheet HTML 1Page - Electrolube  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page 1
PCS
Peelable Coating Mask - Synthetic
PCS is a synthetic peelable coating mask designed to offer a longer shelf life over standard latex products. It is
suitable for masking components, connectors and other items during the conformal coating process. It is also
suitable as a spot mask for wave soldering applications.
Ammonia free product; offers longer shelf-life and improved odour when curing
Thermal cure; offers fast application and processing times
Prevents coating ingress into connectors and components due to the capillary effect
Suitable for use with dip, spray or brush applied conformal coatings
Approvals
RoHS-2 Compliant (2011/65/EU):
Yes
Liquid Properties
Density (g/ml):
1.0
Solids Content:
45 +/- 3%
Viscosity Brookfield (mPa s @ 23°C):
55,000 to 65,000
pH:
8.5-9.5
Suggested Thickness:
<1mm
Drying Time (1mm thickness):
30 mins @ 65°C (2 hrs @ 23°C)
or, 20 mins @ 80°C
Cured Properties
Elongation at Break:
350%
Description
Packaging
Order Code
Shelf Life
Peelable Coating Mask Synthetic
250ml Bottle
PCS250
12 Months
320g Cartridge
PCSM320
12 Months
Directions for Use
PCS should be applied to the area being masked to a thickness of at least 1mm to enable easy peeling after
use. Dry at 65°C for at least 30 minutes (2 hours at 23°C). This can be accelerated by heating @ 80°C. Thicker
films may require longer drying times. As PCS dries it changes in colour from pink to red and must be fully dry
before the conformal coating or wave soldering process.
Following application of a conformal coating, PCS can be removed by peeling off once the coating is touch dry.
The conformal coating may then be secondary or heat cured if applicable, according to the manufactures
guidelines. When used as a solder mask, PCS can be removed by peeling off after the process, once the
substrate has cooled to room temperature.
Revision 4: March 2017


Similar Part No. - PCS

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS PICKER-PCS Datasheet
190Kb / 2P
Double SCR Solid State Relay
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
Low TCR Current Sense Resistor
logo
Nichicon corporation
PCS NICHICON-PCS Datasheet
1Mb / 2P
Chip Type, LongLife Assurance
logo
Bourns Electronic Solut...
PCS BOURNS-PCS Datasheet
978Kb / 5P
PCS Series Current Sense Transformers
07/22
logo
Tyco Electronics
PCS-020-A-1 MACOM-PCS-020-A-1 Datasheet
58Kb / 1P
OUTLINE DRWING PCS SOCKET
24 AUG 03
More results

Similar Description - PCS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
3140RTV VISHAY-3140RTV Datasheet
114Kb / 1P
Protective Coating
10-Jan-03
3145RTV VISHAY-3145RTV Datasheet
170Kb / 2P
Protective Coating
25-May-05
logo
Aeroflex Circuit Techno...
STI1000 AEROFLEX-STI1000 Datasheet
209Kb / 4P
Synthetic Test Systems
logo
Agilent(Hewlett-Packard...
N8201A HP-N8201A Datasheet
212Kb / 21P
Synthetic Instrument Module
logo
Japan Aviation Electron...
031-50722-002 JAE-031-50722-002 Datasheet
75Kb / 1P
CLIP - SYNTHETIC RESIN
031-50600-002 JAE-031-50600-002 Datasheet
77Kb / 1P
CLIP - SYNTHETIC RESIN
DD2P040MA1 JAE-DD2P040MA1 Datasheet
189Kb / 1P
FRONT INSULATOR SYNTHETIC RESIN
FO-FC-FS-PBS-R JAE-FO-FC-FS-PBS-R Datasheet
119Kb / 1P
SHELL ZDC, NAIL PLATE SYNTHETIC RESIN
FO-EX-LCAD2 JAE-FO-EX-LCAD2 Datasheet
115Kb / 1P
FRONT HOUSING SYNTHETIC RESIN
FO-EX-SCAD1-001 JAE-FO-EX-SCAD1-001 Datasheet
126Kb / 1P
FRONT HOUSING SYNTHETIC RESIN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com