Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV324AM14X Datasheet(PDF) 15 Page - ON Semiconductor

Part # LMV324AM14X
Description  General-Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV324AM14X Datasheet(HTML) 15 Page - ON Semiconductor

Back Button LMV324AM14X Datasheet HTML 11Page - ON Semiconductor LMV324AM14X Datasheet HTML 12Page - ON Semiconductor LMV324AM14X Datasheet HTML 13Page - ON Semiconductor LMV324AM14X Datasheet HTML 14Page - ON Semiconductor LMV324AM14X Datasheet HTML 15Page - ON Semiconductor LMV324AM14X Datasheet HTML 16Page - ON Semiconductor LMV324AM14X Datasheet HTML 17Page - ON Semiconductor LMV324AM14X Datasheet HTML 18Page - ON Semiconductor LMV324AM14X Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LMV321 / LMV358 / LMV324 Rev. 2.10
14
Physical Dimensions
Figure 6. 5-LEAD, SOT-23, JEDEC MO-178, 1.6MM
5
1
4
3
2
LAND PATTERN RECOMMENDATION
B
A
L
C
0.10 C
0.20
C A B
0.60 REF
0.55
0.35
SEATING PLANE
0.25
GAGE PLANE
8°
0°
NOTES: UNLESS OTHEWISE SPECIFIED
A) THIS PACKAGE CONFORMS TO JEDEC
MO-178, ISSUE B, VARIATION AA,
B) ALL DIMENSIONS ARE IN MILLIMETERS.
1.45 MAX
1.30
0.90
0.15
0.05
1.90
0.95
0.50
0.30
3.00
2.60
1.70
1.50
3.00
2.80
SYMM
C
0.95
0.95
2.60
0.70
1.00
SEE DETAIL A
0.22
0.08
C) MA05Brev5
TOP VIEW
(0.30)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com