Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV324AM14X Datasheet(PDF) 18 Page - ON Semiconductor

Part # LMV324AM14X
Description  General-Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV324AM14X Datasheet(HTML) 18 Page - ON Semiconductor

Back Button LMV324AM14X Datasheet HTML 13Page - ON Semiconductor LMV324AM14X Datasheet HTML 14Page - ON Semiconductor LMV324AM14X Datasheet HTML 15Page - ON Semiconductor LMV324AM14X Datasheet HTML 16Page - ON Semiconductor LMV324AM14X Datasheet HTML 17Page - ON Semiconductor LMV324AM14X Datasheet HTML 18Page - ON Semiconductor LMV324AM14X Datasheet HTML 19Page - ON Semiconductor LMV324AM14X Datasheet HTML 20Page - ON Semiconductor LMV324AM14X Datasheet HTML 21Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LMV321 / LMV358 / LMV324 Rev. 2.10
17
Physical Dimensions (Continued)
Figure 9. 8-LEAD, MSOP, JEDEC MO-187, 3.0MM WIDE
0.45
0.65
1.30 MIN
0.65
4.20
5.50
3.00±0.10
3.00±0.10
4.90±0.15
0.34
PIN #1 ID
QUADRANT
A
B
1.10 MAX
0.15
0.05
0.65
0.38
0.27
0.10 M AB C
C
0.23
0.13
A
12°
TOP & BOTTOM
0.95
0.25
0°-8
0.70
0.40
DETAIL A
SCALE 20 : 1
GAUGE
PLANE
SEATING
PLANE
NOTES: UNLESS OTHERWISE SPECIFIED
A. THIS PACKAGE CONFORMS TO JEDEC MO-187.
B. ALL DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS ARE EXCLUSIVE OF BURRS,
MOLD FLASH AND TIE BAR EXTRUSIONS.
D. DIMENSIONS AND TOLERANCES AS PER ASME
Y14.5-1994.
E. LAND PATTERN AS PER IPC7351#TSOP65P490X110-8BL
F. FILE NAME: MKT-MUA08AREV4
4
1
LAND PATTERN RECOMMENDATION
TOP VIEW
SIDE VIEW
END VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com