Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1930 Datasheet(PDF) 10 Page - Texas Instruments

Part # REF1930
Description  REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF1930 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF1930 Datasheet HTML 6Page - Texas Instruments REF1930 Datasheet HTML 7Page - Texas Instruments REF1930 Datasheet HTML 8Page - Texas Instruments REF1930 Datasheet HTML 9Page - Texas Instruments REF1930 Datasheet HTML 10Page - Texas Instruments REF1930 Datasheet HTML 11Page - Texas Instruments REF1930 Datasheet HTML 12Page - Texas Instruments REF1930 Datasheet HTML 13Page - Texas Instruments REF1930 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Time (1 s/div)
C028
Time (1 s/div)
C029
200
250
300
350
400
450
500
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C006
200
250
300
350
400
450
500
2
3
4
5
6
Input Voltage (V)
C007
2 V/div
Time (100 µs/div)
C033
V
IN
V
REF
2 V/div
Time (100 µs/div)
C034
V
IN
V
REF
10
REF1925, REF1930, REF1933, REF1941
SBOS697A – SEPTEMBER 2014 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: REF1925 REF1930 REF1933 REF1941
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, IL = 0 mA, VIN = 5-V power supply, CL = 0 µF, and 2.5-V output, unless otherwise noted.
CL = 1 µF
Figure 25. Turn-On Settling Time
CL = 10 µF
Figure 26. Turn-On Settling Time
Figure 27. Quiescent Current vs Temperature
Figure 28. Quiescent Current vs Input Voltage
VREF output
Figure 29. 0.1-Hz to 10-Hz Noise (VREF)
VBIAS output
Figure 30. 0.1-Hz to 10-Hz Noise (VBIAS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com