Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1930 Datasheet(PDF) 11 Page - Texas Instruments

Part # REF1930
Description  REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF1930 Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF1930 Datasheet HTML 7Page - Texas Instruments REF1930 Datasheet HTML 8Page - Texas Instruments REF1930 Datasheet HTML 9Page - Texas Instruments REF1930 Datasheet HTML 10Page - Texas Instruments REF1930 Datasheet HTML 11Page - Texas Instruments REF1930 Datasheet HTML 12Page - Texas Instruments REF1930 Datasheet HTML 13Page - Texas Instruments REF1930 Datasheet HTML 14Page - Texas Instruments REF1930 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
0
5
10
15
20
25
30
35
40
Thermal Hysteresis - V
BIAS (ppm)
C014
0
5
10
15
20
25
30
35
40
Thermal Hysterisis - V
REF (ppm)
C013
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1k
10k
100k
Frequency (Hz)
C023
C
L = 0
F
C
L = 1µF
C
L = 10
F
0.01
0.1
1
1
10
100
1k
10k
Frequency (Hz)
C030
C
L = 0 µF
C
L = 4.7
F
C
L = 10 µF
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1k
10k
100k
Frequency (Hz)
C024
C
L = 0
F
C
L = 1µF
C
L = 10
F
11
REF1925, REF1930, REF1933, REF1941
www.ti.com
SBOS697A – SEPTEMBER 2014 – REVISED JANUARY 2017
Product Folder Links: REF1925 REF1930 REF1933 REF1941
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, IL = 0 mA, VIN = 5-V power supply, CL = 0 µF, and 2.5-V output, unless otherwise noted.
Figure 31. Output Voltage Noise Spectrum
VREF output
Figure 32. Output Impedance vs Frequency (VREF)
VBIAS output
Figure 33. Output Impedance vs Frequency (VBIAS)
Figure 34. Thermal Hysteresis Distribution (VREF)
Figure 35. Thermal Hysteresis Distribution (VBIAS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com