Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1933 Datasheet(PDF) 16 Page - Texas Instruments

Part # REF1933
Description  REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF1933 Datasheet(HTML) 16 Page - Texas Instruments

Back Button REF1933 Datasheet HTML 12Page - Texas Instruments REF1933 Datasheet HTML 13Page - Texas Instruments REF1933 Datasheet HTML 14Page - Texas Instruments REF1933 Datasheet HTML 15Page - Texas Instruments REF1933 Datasheet HTML 16Page - Texas Instruments REF1933 Datasheet HTML 17Page - Texas Instruments REF1933 Datasheet HTML 18Page - Texas Instruments REF1933 Datasheet HTML 19Page - Texas Instruments REF1933 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
‡
J
A
D
-$
T
T
P
R
REF(MAX)
REF(MIN)
6
REF
V
V
Drift
10
(ppm)
V
Temperature Range
§
·
x
¨
¸
x
©
¹
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
V
REF
V
BIAS
16
REF1925, REF1930, REF1933, REF1941
SBOS697A – SEPTEMBER 2014 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: REF1925 REF1930 REF1933 REF1941
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Feature Description (continued)
The tracking accuracy is as shown in Figure 44.
Figure 44. VREF and VBIAS Tracking vs Temperature
9.3.2 Low Temperature Drift
The REF19xx is designed for minimal drift error, which is defined as the change in output voltage over
temperature. The drift is calculated using the box method, as described by Equation 3:
(3)
9.3.3 Load Current
The REF19xx family is specified to deliver a current load of ±20 mA per output. Both the VREF and VBIAS outputs
of the device are protected from short circuits by limiting the output short-circuit current to 50 mA. The device
temperature increases according to Equation 4:
where
•
TJ = junction temperature (°C),
•
TA = ambient temperature (°C),
•
PD = power dissipated (W), and
•
RθJA = junction-to-ambient thermal resistance (°C/W).
(4)
The REF19xx maximum junction temperature must not exceed the absolute maximum rating of 150°C.
9.4 Device Functional Modes
When the EN pin of the REF19xx is pulled high, the device is in active mode. The device must be in active mode
for normal operation. The REF19xx can be placed in a low-power mode by pulling the ENABLE pin low. When in
shutdown mode, the output of the device becomes high impedance and the quiescent current of the device
reduces to 5 µA in shutdown mode. See the Electrical Characteristics for logic high and logic low voltage levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com