Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1933 Datasheet(PDF) 21 Page - Texas Instruments

Part # REF1933
Description  REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF1933 Datasheet(HTML) 21 Page - Texas Instruments

Back Button REF1933 Datasheet HTML 17Page - Texas Instruments REF1933 Datasheet HTML 18Page - Texas Instruments REF1933 Datasheet HTML 19Page - Texas Instruments REF1933 Datasheet HTML 20Page - Texas Instruments REF1933 Datasheet HTML 21Page - Texas Instruments REF1933 Datasheet HTML 22Page - Texas Instruments REF1933 Datasheet HTML 23Page - Texas Instruments REF1933 Datasheet HTML 24Page - Texas Instruments REF1933 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
±800
±600
±400
±200
0
200
400
600
800
±3
±2
±1
0
1
2
3
Load current (mA)
C00
-40°C
0°C
25°C
85°C
125°C
0
0.5
1
1.5
2
2.5
3
-3
-2
-1
0
1
2
3
Load current (mA)
C00
±800
±600
±400
±200
0
200
400
600
800
±3
±2
±1
0
1
2
3
Load current (mA)
C00
-40°C
0°C
25°C
85°C
125°C
21
REF1925, REF1930, REF1933, REF1941
www.ti.com
SBOS697A – SEPTEMBER 2014 – REVISED JANUARY 2017
Product Folder Links: REF1925 REF1930 REF1933 REF1941
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
10.2.3 Application Curves
Performing a two-point calibration at 25°C removes the errors associated with offset voltage, gain error, and so
forth. Figure 50 to Figure 52 show the measured error at different conditions. For a more detailed description on
measurement procedure, calibration, and calculations, please refer to TIDU357.
Figure 50. Measured Transfer Function
Figure 51. Uncalibrated Error vs Load Current
Figure 52. Calibrated Error vs Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com