Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3112 Datasheet(PDF) 10 Page - Texas Instruments

Part # REF3112
Description  REF31xx 15ppm/°C Maximum, 100-μA, SOT-23 Series Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3112 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF3112 Datasheet HTML 6Page - Texas Instruments REF3112 Datasheet HTML 7Page - Texas Instruments REF3112 Datasheet HTML 8Page - Texas Instruments REF3112 Datasheet HTML 9Page - Texas Instruments REF3112 Datasheet HTML 10Page - Texas Instruments REF3112 Datasheet HTML 11Page - Texas Instruments REF3112 Datasheet HTML 12Page - Texas Instruments REF3112 Datasheet HTML 13Page - Texas Instruments REF3112 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
QUIESCENT CURRENT vs POWER SUPPLY
100.5
100.0
99.5
99.0
98.5
98.0
1.5
Power Supply (V)
2.5
3.5
4.5
5.5
R
1
Q
2
Q
1 I
N
+
Vbe
1
-
+
Vbe
2
-
V
BANDGAP
10
REF3112, REF3120, REF3125
REF3130, REF3133, REF3140
SBVS046D – DECEMBER 2003 – REVISED MARCH 2016
www.ti.com
Product Folder Links: REF3112 REF3120 REF3125 REF3130 REF3133 REF3140
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The REF31xx is a family of series, CMOS, precision bandgap voltage references. The basic bandgap topology is
shown in Functional Block Diagram. Transistors Q1 and Q2 are biased such that the current density of Q1 is
greater than that of Q2. The difference of the two base-emitter voltages, Vbe1 – Vbe2, has a positive temperature
coefficient and is forced across resistor R1. This voltage is gained up and added to the base-emitter voltage of
Q2, which has a negative temperature coefficient. The resulting output voltage is virtually independent of
temperature. The curvature of the bandgap voltage, as shown in Figure 3, is due to the slightly nonlinear
temperature coefficient of the base-emitter voltage of Q2.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Supply Voltage
The REF31xx family of references features an extremely low dropout voltage. With the exception of the
REF3112, which has a minimum supply requirement of 1.8 V, these references can be operated with a supply of
only 5 mV above the output voltage in an unloaded condition. For loaded conditions, a typical dropout voltage
versus load is shown in Typical Characteristics.
The REF31xx features a low quiescent current, which is extremely stable over changes in both temperature and
supply. The typical room temperature quiescent current is 100
μA, and the maximum quiescent current over
temperature is just 135
μA. The quiescent current typically changes less than 2 μA over the entire supply range,
as shown in Figure 20.
Figure 20. Supply Current vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com