Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3112 Datasheet(PDF) 14 Page - Texas Instruments

Part # REF3112
Description  REF31xx 15ppm/°C Maximum, 100-μA, SOT-23 Series Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3112 Datasheet(HTML) 14 Page - Texas Instruments

Back Button REF3112 Datasheet HTML 10Page - Texas Instruments REF3112 Datasheet HTML 11Page - Texas Instruments REF3112 Datasheet HTML 12Page - Texas Instruments REF3112 Datasheet HTML 13Page - Texas Instruments REF3112 Datasheet HTML 14Page - Texas Instruments REF3112 Datasheet HTML 15Page - Texas Instruments REF3112 Datasheet HTML 16Page - Texas Instruments REF3112 Datasheet HTML 17Page - Texas Instruments REF3112 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
ADS8381
REF3140
10W
1kW
1kW
10W
0.1 F
m
1 F
m
22 F
m
V
= 4.096V
OUT
VREF
5V
500W
0.22 F
m
THS4031
+5V
-5V
V
IN
6800pF
ADS8324
V
CC
CS
D
OUT
DCLOCK
V
REF
+In
-In
GND
+
+
5W
1 F to 10 F
m
m
1 F to 10 F
m
m
0.1 F
m
0V to 1.25V
Microcontroller
2.5V Supply
REF3112
GND
V
IN
2.5V
V
= 1.25V
OUT
V
S
14
REF3112, REF3120, REF3125
REF3130, REF3133, REF3140
SBVS046D – DECEMBER 2003 – REVISED MARCH 2016
www.ti.com
Product Folder Links: REF3112 REF3120 REF3125 REF3130 REF3133 REF3140
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Figure 26. Basic Data Acquisition System 2
Figure 27. REF3140 Provides an Accurate Reference for Driving the ADS8381



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com