Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF4132 Datasheet(PDF) 3 Page - Texas Instruments

Part # REF4132
Description  REF4132 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF4132 Datasheet(HTML) 3 Page - Texas Instruments

  REF4132 Datasheet HTML 1Page - Texas Instruments REF4132 Datasheet HTML 2Page - Texas Instruments REF4132 Datasheet HTML 3Page - Texas Instruments REF4132 Datasheet HTML 4Page - Texas Instruments REF4132 Datasheet HTML 5Page - Texas Instruments REF4132 Datasheet HTML 6Page - Texas Instruments REF4132 Datasheet HTML 7Page - Texas Instruments REF4132 Datasheet HTML 8Page - Texas Instruments REF4132 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
1
5
2
3
4
Not to scale
N/C
GND
EN
VREF
VIN
3
REF4132
www.ti.com
SNAS794A – JUNE 2020 – REVISED JUNE 2020
Product Folder Links: REF4132
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
5 Device Comparison Table
PRODUCT
VOUT
REF4132 - 2.5
2.5 V
REF4132 - 3.0
3.0 V
REF4132 - 3.3
3.3 V
REF4132 - 4.0
4.096 V
REF4132 - 5.0
5 V
6 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
N/C
–
No connect pin, leave floating
2
GND
Ground
Ground
3
EN
Input
Enable pin. Enables or disables the device.
4
VIN
Power
Reference voltage input
5
VREF
Output
Reference voltage output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com