Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF4132 Datasheet(PDF) 5 Page - Texas Instruments

Part # REF4132
Description  REF4132 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF4132 Datasheet(HTML) 5 Page - Texas Instruments

  REF4132 Datasheet HTML 1Page - Texas Instruments REF4132 Datasheet HTML 2Page - Texas Instruments REF4132 Datasheet HTML 3Page - Texas Instruments REF4132 Datasheet HTML 4Page - Texas Instruments REF4132 Datasheet HTML 5Page - Texas Instruments REF4132 Datasheet HTML 6Page - Texas Instruments REF4132 Datasheet HTML 7Page - Texas Instruments REF4132 Datasheet HTML 8Page - Texas Instruments REF4132 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
REF4132
www.ti.com
SNAS794A – JUNE 2020 – REVISED JUNE 2020
Product Folder Links: REF4132
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
At higher ambient temperature the short circuit current capacity is limited due to junction temeprature max limit
7.5 Electrical Characteristics
At VIN = 5.5 V, VEN = VIN, CREF = 10 µF, CIN = 0.1 µF, IL = 0 mA, minimum and maximum specifications at TA = –40℃ to
125
℃; typical specifications at TA = 25℃ unless otherwise noted
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
ACCURACY AND DRIFT
Output voltage
accuracy
TA = 25°C
–0.05
0.05
%
Output voltage
temperature
coefficient
–40°C
≤ TA ≤ 125°C
REF4132 A grade
12
ppm/
℃
–40°C
≤ TA ≤ 125°C
REF4132 B grade
30
ppm/
℃
LINE & LOAD REGULATION
ΔVREF/ΔVIN
Line Regulation
VREF + VDO ≤ VIN ≤ 5.5 V
2
ppm/V
VREF + VDO ≤ VIN ≤ 5.5 V
15
ppm/V
VREF = 5 V, VREF + VDO ≤ VIN ≤ 5.5 V
55
ppm/V
ΔVREF/ΔIL
Load Regulation
IL = 0 mA to 10mA, VIN = VREF + VDO
20
ppm/mA
IL = 0 mA to 10mA, VIN = VREF + VDO
120
ppm/mA
POWER SUPPLY
VIN
Input voltage
VREF +
VDO
5.5
V
IQ
Quiescent current
Active mode
80
100
µA
Shutdown mode, VEN = 0 V
2.5
5
µA
VEN
Enable pin
Voltage
Voltage reference in active mode (EN=1)
1.6
V
Voltage reference in shutdown mode (EN=0)
0.5
V
IEN
Enable pin
current
VEN = 5.5 V
1
2
µA
VDO
Dropout voltage
IL = 0 mA
50
mV
IL = 0 mA
100
mV
IL = 10 mA
500
mV
ISC
Short circuit current
(1)
VREF = 0 V
18
11.5
mA
TURNON
tON
Turn-on time
0.1% settling, CL = 1 µF, 10% to 90%
2.5
ms
NOISE
en(p-p)
Low frequency
noise
ƒ = 0.1 Hz to 10 Hz
15
ppmp-p
en
Wide band
noise
ƒ = 10 Hz to 10 kHz
24
µVrms
HYSTERESIS AND LONG-TERM STABILITY
Long-term stability
0 to 1000h at 35
℃
30
ppm
VHYST
Output voltage
hysteresis
TA= 25℃ to −40℃ to 125℃ to 25℃
35
ppm
CAPACITIVE LOAD
CL
Stable output
capacitor range
0.1
10
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com