Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF6130 Datasheet(PDF) 10 Page - Texas Instruments

Part # REF6130
Description  REF61xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF6130 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF6130 Datasheet HTML 6Page - Texas Instruments REF6130 Datasheet HTML 7Page - Texas Instruments REF6130 Datasheet HTML 8Page - Texas Instruments REF6130 Datasheet HTML 9Page - Texas Instruments REF6130 Datasheet HTML 10Page - Texas Instruments REF6130 Datasheet HTML 11Page - Texas Instruments REF6130 Datasheet HTML 12Page - Texas Instruments REF6130 Datasheet HTML 13Page - Texas Instruments REF6130 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
±200
±180
±160
±140
±120
±100
±80
±60
±40
±20
0
0
100
200
300
400
500
Frequency (kHz)
C024
±200
±180
±160
±140
±120
±100
±80
±60
±40
±20
0
0
100
200
300
400
500
Frequency (kHz)
C037
0
10
20
30
40
50
-20
-15
-10
-5
0
5
15
20
Thermal hysteresis - Cycle 2 (ppm)
C031
0.001
0.01
0.1
1
10
100
100
1k
10k
100k
1M
Frequency (Hz)
C063
REF20xx (C
L = 10 µF)
REF61xx (C
L = 10 µF)
0
10
20
30
40
50
-80
-60
-40
-20
0
20
40
60
Thermal hysteresis - Cycle 1 (ppm)
C030
500 mV/div
Time (500 µs/div)
C013
200 µV/div
V
IN + 0.25 V
V
IN - 0.25 V
V
IN - 0.25 V
V
REF
10
REF6125, REF6130, REF6133, REF6141, REF6145, REF6150
SBOS747B – MAY 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: REF6125 REF6130 REF6133 REF6141 REF6145 REF6150
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, IL = 0 mA, and VIN = 5 V, using REF6125 (unless otherwise noted)
Figure 19. Line Transient Response
Figure 20. Thermal Hysteresis Distribution (Cycle 1)
Figure 21. Thermal Hysteresis Distribution (Cycle 2)
Figure 22. Output Impedance Comparison
REF6150 driving REF pin of ADS8881,
fIN = 1 kHz, SNR = 100.5 dB, THD = –125.9 dB
Figure 23. Typical FFT Plot
REF6150 driving REF pin of ADS8881,
fIN = 2 kHz, SNR = 100.4 dB, THD = –123.9 dB
Figure 24. Typical FFT Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com