Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF6130 Datasheet(PDF) 12 Page - Texas Instruments

Part # REF6130
Description  REF61xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF6130 Datasheet(HTML) 12 Page - Texas Instruments

Back Button REF6130 Datasheet HTML 8Page - Texas Instruments REF6130 Datasheet HTML 9Page - Texas Instruments REF6130 Datasheet HTML 10Page - Texas Instruments REF6130 Datasheet HTML 11Page - Texas Instruments REF6130 Datasheet HTML 12Page - Texas Instruments REF6130 Datasheet HTML 13Page - Texas Instruments REF6130 Datasheet HTML 14Page - Texas Instruments REF6130 Datasheet HTML 15Page - Texas Instruments REF6130 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
0
10
20
30
40
ADC Output Code
C051
0
10
20
30
40
ADC Output Code
C050
±121339
±121338
±121337
±121336
±121335
±121334
0
20
40
60
80
100
Time (µs)
C048
±136
±135
±134
±133
±132
±131
0
20
40
60
80
100
Time (µs)
C049
±200
±180
±160
±140
±120
±100
±80
±60
±40
±20
0
0
100
200
300
400
500
Frequency (kHz)
C035
121405
121406
121407
121408
121409
121410
0
20
40
60
80
100
Time (µs)
C047
12
REF6125, REF6130, REF6133, REF6141, REF6145, REF6150
SBOS747B – MAY 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: REF6125 REF6130 REF6133 REF6141 REF6145 REF6150
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, IL = 0 mA, and VIN = 5 V, using REF6125 (unless otherwise noted)
REF6125 driving REF pin of ADS8881,
fIN = 10 kHz, SNR = 94.0 dB, THD = –119.3 dB
Figure 31. Typical FFT Plot
REF6150 driving REF pin of ADS8881 operating at 1 MSPS,
positive full-scale input to ADS8881
Figure 32. Reference Droop
REF6150 driving REF pin of ADS8881 operating at 1 MSPS,
negative full-scale input to ADS8881
Figure 33. Reference Droop
REF6150 driving REF pin of ADS8881 operating at 1 MSPS,
AINP = AINN = VREF / 2 for ADS8881
Figure 34. Reference Droop
AINP = AINN = VREF / 2 for ADS8881,
sampling rate = 1 MSPS
Figure 35. DC Input Histogram
AINP = AINN = VREF / 2 for ADS8881,
sampling rate = 500 kSPS
Figure 36. DC Input Histogram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com