Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETC5067N Datasheet(PDF) 13 Page - STMicroelectronics

Part # ETC5067N
Description  POWER AMPLIFIER SERIAL INTERFACE CODEC/FILTERWITH RECEIVE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETC5067N Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ETC5067N Datasheet HTML 9Page - STMicroelectronics ETC5067N Datasheet HTML 10Page - STMicroelectronics ETC5067N Datasheet HTML 11Page - STMicroelectronics ETC5067N Datasheet HTML 12Page - STMicroelectronics ETC5067N Datasheet HTML 13Page - STMicroelectronics ETC5067N Datasheet HTML 14Page - STMicroelectronics ETC5067N Datasheet HTML 15Page - STMicroelectronics ETC5067N Datasheet HTML 16Page - STMicroelectronics ETC5067N Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TRANSMISSION CHARACTERISTICS (continued).
DISTORTION
Symbol
Parameter
Min.
Typ.
Max.
Unit
STDX
or
STDR
Signal to Total Distortion (sinusoidal test method)
Transmit or Receive Half-channel
Level = 3.0 dBm0
= 0 dBm0 to – 30 dBm0
= – 40 dBm0
XMT
RCV
= – 55 dBm0
XMT
RCV
33
36
29
30
14
15
dBp
(ALAW)
dBc
(
µLAW)
SFDX
Single Frequency Distortion, Transmit (TA =25
°C)
– 46
dB
SFDR
Single Frequency Distortion, Receive (TA =25
°C)
– 46
dB
IMD
Intermodulation Distortion
Loop Around Measurement, VFXI
+ = – 4 dBm0 to
– 21 dBm0, two Frequencies in the Range 300 Hz-3400 Hz
–41
dB
CROSSTALK
Symbol
Parameter
Min.
Typ.
Max.
Unit
CTX-R
Transmit to Receive Crosstalk, 0dBm0 Transmit
f = 300 Hz-3400 Hz, DR = Steady PCM Code
ETC5064/67
ETC5064-X/67-X
–90
– 75
–65
dB
dB
CTR-X
Receive to Transmit Crosstalk, 0dBm0 Receive Level (note 2)
f = 300 Hz-3400 Hz, VFXI= 0 V
ETC5064/67
ETC5064-X/67-X
–90
– 70
–65
dB
dB
POWER AMPLIFIERS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VOL
Maximum 0 dBm0 Level for Better than
± 0.1 dB Linearity Over
the Range 10 dBm0 to + 3 dBm0
(balanced load, RL connected between VPO
+ and VPO –)
RL = 600
Ω
RL = 1200
Ω
RL =30 k
Ω
33
3.5
4.0
Vrms
S/DP
Signal/Distortion RL = 600
Ω, 0 dBm0
50
dB
Notes :
1. Measured by extrapolation from the distortion test results.
2. PPSRX, NPSRX, CTR–X measured with a –50dBm0 activating signal applied at VFXI
+
ENCODING FORMAT AT DX OUTPUT
A-Law
(Including even bit inversion)
µLaw
VIN (at GSX) = + Full-scale
1 0 1 0 1 0 1 0
1 0 0 0 0 0 0 0
VIN (at GSX)=0 V
1 1 0 1 0 1 0 1
01 01 010 1
1 111 1 111
0 111 1 111
VIN (at GSX) = – Full-scale
0 0 1 0 1 0 1 0
0 0 0 0 0 0 0 0
ETC5064 - ETC5064-X - ETC5067 - ETC5067-X
13/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com