Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETC5067N Datasheet(PDF) 5 Page - STMicroelectronics

Part # ETC5067N
Description  POWER AMPLIFIER SERIAL INTERFACE CODEC/FILTERWITH RECEIVE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETC5067N Datasheet(HTML) 5 Page - STMicroelectronics

  ETC5067N Datasheet HTML 1Page - STMicroelectronics ETC5067N Datasheet HTML 2Page - STMicroelectronics ETC5067N Datasheet HTML 3Page - STMicroelectronics ETC5067N Datasheet HTML 4Page - STMicroelectronics ETC5067N Datasheet HTML 5Page - STMicroelectronics ETC5067N Datasheet HTML 6Page - STMicroelectronics ETC5067N Datasheet HTML 7Page - STMicroelectronics ETC5067N Datasheet HTML 8Page - STMicroelectronics ETC5067N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
pulses are being used. For 64 kHz operation, the
frame sync pulses must be kept low for a minimum
of 160 ns (see Fig 1). The DX TRI-STATE output
buffer is enabled with the rising edge of FSX or the
rising edge of BCLKX, whichever comes later, and
the first bit clocked out is the sign bit. The following
seven BCLKX rising edges clock out the remaining
seven bits. The DX output is disabled by the falling
BCLKX edge following the eighth rising edge, or by
FSX going low, whichever comes later. A rising edge
on the receive frame sync pulse, FSR, will cause the
PCM data at DR to be latched in on the next eight
falling edges of BCLKR (BCLKx in synchronous
mode). Both devices may utilize the long frame sync
pulse in synchronous or asynchronous mode.
TRANSMIT SECTION
The transmit section input is an operational amplifier
with provision for gain adjustment using two external
resistors, see figure 4. The low noiseand wide band-
width allow gains in excess of 20 dB across the
audio passband to be realized. The op amp drives
a unity gain filter consisting of RC active pre-filter,
followed by an eighth order switched-capacitor
bandpass filter directly drives the encoder sample-
and-hold circuit. The A/D is of companding type ac-
cording to A-law (ETC5067 and ETC5067-X) or
µ-
law (ETC5064 and ETC5064-X) coding conven-
tions. A precision voltage reference is trimmed in
manufacturing to provide an input over load (tMAX)
of nominally 2.5V peak (see table of Transmission
Characteristics). The FSX frame sync pulse controls
the sampling of the filer output,and then the succes-
sive-approximationencodingcycle begins.The 8-bit
code is then loaded into a buffer and shifted out
throughDX at the next FSX pulse. the total encoding
delay will be approximately 165
µs (due to the trans-
mit filter) plus 125
µs (due to encodingdelay), which
totals 290
µs. Any offset voltage due to the filters or
comparator is cancelled by sign bit integration.
RECEIVE SECTION
The receive section consist of an expanding DAC
which drives a fifth order switched-capacitor low
pass filter clocked at 256kHz. The decoder is A-law
(ETC5067 and ETC5067-X) or
µ–law (ETC5064
and ETC5064-X) and the 5 th order low pass filter
corrects for the sin x/x attenuation due to the 8kHz
sample and hold. The filter is then followed by a 2
nd order RC active post-filter and power amplifier
capable of driving a 600
Ω load to a level of 7.2dBm.
The receive section is unity-gain. Upon the oc-
curence of FSR, the data at the DR input is clocked
in on the falling edge of the next eight BCLKR
(BCKLX) periods.At the end ofthe decoder time slot,
the decoding cycle begins, and 10
µs later the de-
coder DAC output is updated.The total decoder de-
lay is about10
µs (decoder up-date) plus 110µs (fil-
ter delay) plus 62.5
µs (1/2 frame), which gives ap-
proximately 180
µs.
RECEIVE POWER AMPLIFIERS
Two inverting mode power amplifiers are provided
for directly driving a matched line interface trans-
former. The gain of the first power amplifier can be
adjusted to boost the
± 2.5Vpeakoutputsignal from
the receive filter up
± 3.3V peak into an unbalanced
300
Ω load,or ±4.0V into an unbalanced15kΩ load.
The second power amplifier is internally connected
in unity-gain inverting mode to give 6dB of signal
gain for balanced loads. Maximum power transfer to
a 600
Ω subscriber line termination is obtained by
differientially driving a balanced transformer with a
√2 : 1 turns ratio, as shown in figure 4. A total peak
power of 15.6dBm can be delivered to the load plus
termination. Both power amplifier can be powered
down independentlyfrom the PDN input by connect-
ing the VPI input to VBB saving approximately 12
mW of power.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Valu e
Un it
VCC
VCC to GNDA
7
V
VBB
VBB to GNDA
-7
V
VIN,VOUT
Voltage at any Analog Input or Output
VCC +0.3 to VBB -0.3
V
Voltage at any Digital Input or Output
VCC +0.3 to GNDA -0.3
V
Toper
Operating Temperature Range: ETC5064/67
ETC5064-X/67-X
-25 to +125
-40 to +125
°C
°C
Tstg
Storage Temperature Range
-65 to +150
°C
Lead Temperature (soldering, 10 seconds)
300
°C
ETC5064 - ETC5064-X - ETC5067 - ETC5067-X
5/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com