Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT74D Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74ACT74D
Description  SNx4ACT74 Dual Positive-Edge-Triggered D-Type Flip-Flops
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ACT74D Datasheet(HTML) 4 Page - Texas Instruments

  SN74ACT74D Datasheet HTML 1Page - Texas Instruments SN74ACT74D Datasheet HTML 2Page - Texas Instruments SN74ACT74D Datasheet HTML 3Page - Texas Instruments SN74ACT74D Datasheet HTML 4Page - Texas Instruments SN74ACT74D Datasheet HTML 5Page - Texas Instruments SN74ACT74D Datasheet HTML 6Page - Texas Instruments SN74ACT74D Datasheet HTML 7Page - Texas Instruments SN74ACT74D Datasheet HTML 8Page - Texas Instruments SN74ACT74D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
4 Specifications
4.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7
V
VI
Input voltage(2)
–0.5
VCC + 0.5
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
(VI < 0 or VI > VCC)
±20
mA
IOK
Output clamp current
(VO < 0 or VO > VCC)
±20
mA
IO
Continuous output current
(VO = 0 to VCC)
±50
mA
Continuous current through VCC or GND
±200
mA
Tstg
Storage temperature range
–65
150
°C
4.2 Recommended Operating Conditions
over recommended operating free-air temperature range (unless otherwise noted)
SN54ACT74
SN74ACT74
UNIT
MIN
MAX
MIN
MAX
VCC
Supply voltage
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
IOH
High-level output current
–24
–24
mA
IOL
Low-level output current
24
24
mA
∆t/∆v
Input transition rise and fall rate
8
8
ns/V
TA
Operating free-air temperature
–55
125
–40
85
°C
4.3 Thermal Information
THERMAL METRIC(1)
SN74ACT74
BQA
(WQFN)
D (SOIC)
DB (SSOP)
N
(PDIP)
NS
(SOP)
PW
(TSSOP)
UNIT
14 PINS
RθJA
Junction-to-ambient
thermal resistance
91.3
119.9
96
80
76
145.7
°C/W
RθJC(top)
Junction-to-case (top)
thermal resistance
99.4
—
—
—
—
—
°C/W
RθJB
Junction-to-board
thermal resistance
60.1
—
—
—
—
—
°C/W
ψJT
Junction-to-top
characterization parameter
14.5
—
—
—
—
—
°C/W
ψJB
Junction-to-board characterization
parameter
60.8
—
—
—
—
—
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal
resistance
37.0
—
—
—
—
—
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC package thermal metrics application
report.
SN54ACT74, SN74ACT74
SCAS520J – AUGUST 1995 – REVISED APRIL 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: SN54ACT74 SN74ACT74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com