Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT74D Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74ACT74D
Description  SNx4ACT74 Dual Positive-Edge-Triggered D-Type Flip-Flops
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ACT74D Datasheet(HTML) 5 Page - Texas Instruments

  SN74ACT74D Datasheet HTML 1Page - Texas Instruments SN74ACT74D Datasheet HTML 2Page - Texas Instruments SN74ACT74D Datasheet HTML 3Page - Texas Instruments SN74ACT74D Datasheet HTML 4Page - Texas Instruments SN74ACT74D Datasheet HTML 5Page - Texas Instruments SN74ACT74D Datasheet HTML 6Page - Texas Instruments SN74ACT74D Datasheet HTML 7Page - Texas Instruments SN74ACT74D Datasheet HTML 8Page - Texas Instruments SN74ACT74D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
4.4 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54ACT74
SN74ACT74
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
VOH
IOH = –50µA
4.5V
4.4
4.49
4.4
4.4
V
5.5V
5.4
5.49
5.4
5.4
IOH = –24mA
4.5V
3.86
3.7
3.76
5.5V
4.86
4.7
4.76
IOH = –50mA†(1)
5.5V
3.86
IOH = –75mA†(1)
5.5V
3.85
VOL
IOL = 50µA
4.5V
0.001
0.1
0.1
0.1
V
5.5V
0.001
0.1
0.1
0.1
IOL = 24mA
4.5V
0.36
0.5
0.44
5.5V
0.36
0.5
0.44
IOL = 50mA†(1)
5.5V
1.65
IOL = 75mA†(1)
5.5V
1.65
II
VI = VCC or GND
5.5V
±0.1
±1
±1
µA
ICC
VI = VCC or GND, IO = 0
5.5V
2
40
20
µA
ΔICC‡ (2)
One input at 3.4V,
Other inputs at GND or VCC
5.5V
0.6
1.6
1.5
mA
Ci
VI = VCC or GND
5V
3
pF
(1)
Not more than one output should be tested at a time, and the duration of the test should not exceed 2ms.
(2)
This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than 0V or VCC.
4.5 Timing Requirements
over recommended operating free-air temperature range (unless otherwise noted) (see Load Circuit and Voltage Waveforms)
TA = 25°C
SN54ACT74
SN74ACT74
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
145
85
125
MHz
tw
Pulse duration
PRE or CLR low
5
7
6
ns
CLK
5
7
6
tsu
Setup time, data before CLK↑
Data
3
4
3.5
ns
0
0.5
0
th
Hold time, data after CLK↑
PRE or CLR
inactive
1
1
1
ns
4.6 Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Load Circuit and Voltage
Waveforms)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
SN54ACT74
SN74ACT74
UNIT
TA = 25°C
MIN
MAX
TA = 25°C
MIN MAX
MIN
TYP
MAX
MIN TYP MAX
fmax
145
210
85
145
210
125
MHz
tPLH
PRE or
CLR
Q or Q
1
5.5
9.5
1
11.5
3
5.5
9.5
2.5 10.5
ns
tPHL
1
6
10
1
12.5
3
6
10
3 11.5
www.ti.com
SN54ACT74, SN74ACT74
SCAS520J – AUGUST 1995 – REVISED APRIL 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN54ACT74 SN74ACT74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com