Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2000 Datasheet(PDF) 1 Page - Littelfuse

Part # M2000
Description  terminations and adapt ers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

M2000 Datasheet(HTML) 1 Page - Littelfuse

  M2000 Datasheet HTML 1Page - Littelfuse M2000 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© May 2012 Littelfuse Protection Relays & Controls
www.littelfuse.com/relayscontrols
Accessories
TerminaTions anD aDaPTers
Product
Features
accessory For
1N5339B
Termination Device
5 W axial-lead ground-check termination. Included with SE-105 and
SE-107.
SE-105
SE-107
SE-TA6-SM
Stud-Mount Termination
Assembly
50 W ground-check termination that is robust and compact for
submersible pumps. Wire lead simplifies installation.
(Replacement for 1N4553B)
SE-105
SE-107
SE-TA6
Termination Assembly
50 W ground-check termination with convenient mounting holes and
screw terminals.
SE-105
SE-107
SE-TA6A
(PGA-0T6A)
Termination Assembly
Temperature compensated 50 W ground-check termination with
convenient mounting holes and screw terminals.
SE-105
SE-107
SE-134C
SE-TA6A-WL
Termination Assembly
Temperature compensated 50 W ground-check termination with
convenient mounting holes and screw terminals.
SE-105
SE-107
SE-134C
SE-TA6ASF-WL
Small-Format Termination
Assembly with Wire Leads
Temperature compensated 12 W ground-check termination, ideal
for use in cable-coupler end caps and submersible pumps. Mounting
holes and wire leads.
SE-105
SE-107
SE-134C
SE-TA12A
Termination Assembly
Temperature compensated 50 W ground-check termination with
convenient mounting holes and screw terminals.
SE-135
SE-145
SE-TA12ASF-WL
Small-Format Termination
Assembly with Wire Leads
Temperature compensated 12 W ground-check termination, ideal
for use in cable-coupler end caps and submersible pumps. Mounting
holes and wire leads.
SE-135
SE-145
SE-TA12A-WL
Termination Assembly
Temperature compensated 50 W ground-check termination with
convenient mounting holes and screw terminals.
SE-135
SE-145
SE-TA12A
SE-TA12B
Termination Assemblies
Used together to allow an SE-134C to monitor a splitter box and two
cables.
SE-134C
PPI-600V
Parallel Path Isolator
Parallel ground-path rejection for ground-check monitors. Eliminates
intermachine arcing and prevents stray DC currents from flowing in
a monitored ground wire.
SE-105 SE-107
SE-134C SE-135
RK-13
Relay Interface Module
Separate ground-fault and ground-check indication contacts for the
SE-105, and separate ground-fault and resistor-fault contacts for the
SE-325. Used to provide output to a PLC and operate standard pilot
lights. Complete with conformally coated circuit boards.
SE-105 SE-107
SE-325
SE-485-DIN
Industrial RS-485 to RS-232
Converter
Industrial network quality RS-485 to RS-233 serial converter.
DIN-rail mounted, 24 Vdc required.
MPS
FPS
SE-485-PP
Port-Powered Serial
Converter
Converts an RS-485 signal to an RS-232 signal. Used for set-point
programming and updating flash memory. 115.2 kbit/s maximum
transfer rate.
MPU-32 MPS
FPU-32
FPS
CA-945
Serial Connector Adapter Kit
Connects an RJ45 to a 9-pin serial connector. Includes 1.5 m cable
and plug-in adapter.
MPU-32
FPU-32
SE-ICUSB232
USB to RS-232 Converter
Connects a 9-pin serial cable to a USB port.
SE-330
CA-945
SE-330AU
SE-330HV
SE-485-PP
SE-485-DIN
TerminaTions anD aDaPTers
Terminations, adapters


Similar Part No. - M2000

ManufacturerPart #DatasheetDescription
logo
GSI Group, Inc.
M2000 MICROESYS-M2000 Datasheet
596Kb / 10P
Mercury TM2000 Smart Encoder Systems Programmable Interpolation in Integer Steps to 0.078關m
logo
ML Accessories Limited....
M2000 KNIGHTSBRIDGE-M2000 Datasheet
245Kb / 1P
Metal Clad 10AX 1G 2-way Switch
11/04/2024
logo
Amphenol Corporation
M2000-109118 AMPHENOL-M2000-109118 Datasheet
1Mb / 32P
D-Sub Connectors D- Sub-01 Rev. 10 / 10
M2000-109119 AMPHENOL-M2000-109119 Datasheet
1Mb / 32P
D-Sub Connectors D- Sub-01 Rev. 10 / 10
M2000-109120 AMPHENOL-M2000-109120 Datasheet
1Mb / 32P
D-Sub Connectors D- Sub-01 Rev. 10 / 10
More results

Similar Description - M2000

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-20-50TP ANAREN-RFP-20-50TP Datasheet
503Kb / 2P
Flanged Terminations
RFP-20-50TPR ANAREN-RFP-20-50TPR Datasheet
494Kb / 2P
Flanged Terminations
logo
Sanyo Semicon Device
DCH10 SANYO-DCH10_10 Datasheet
193Kb / 3P
High-Speed Rectifi ers,High-Frequency Rectifi ers
logo
Central Semiconductor C...
CBRLDSH2-60_CBRLDSH2-100 CENTRAL-CBRLDSH2-60_CBRLDSH2-100 Datasheet
1Mb / 2P
2.0A, 60V and 100V Bridge Rectifi ers
logo
List of Unclassifed Man...
ANT-1.4-CW-HWR-RPS ETC2-ANT-1.4-CW-HWR-RPS Datasheet
120Kb / 1P
Custom colors and terminations for volume OEMs
ANT-418-CW-HWR-RPS ETC2-ANT-418-CW-HWR-RPS Datasheet
98Kb / 1P
Custom colors and terminations for volume OEMs
logo
Kemet Corporation
R463N31500001M KEMET-R463N31500001M Datasheet
1Mb / 18P
RoHS Compliant and lead-free terminations
logo
TT Electronics.
PFC-HTD TTELEC-PFC-HTD Datasheet
385Kb / 2P
Gold and 100% matte tin terminations available
logo
M/A-COM Technology Solu...
M21262-12 MA-COM-M21262-12 Datasheet
1Mb / 73P
Integrated loop filter and terminations
logo
PHOENIX CONTACT
1020304 PHOENIX-1020304 Datasheet
343Kb / 18P
AXC F IL ADAPT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com