Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS160 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS160
Description  60 V, 1 A power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS160 Datasheet(HTML) 5 Page - STMicroelectronics

  STPS160 Datasheet HTML 1Page - STMicroelectronics STPS160 Datasheet HTML 2Page - STMicroelectronics STPS160 Datasheet HTML 3Page - STMicroelectronics STPS160 Datasheet HTML 4Page - STMicroelectronics STPS160 Datasheet HTML 5Page - STMicroelectronics STPS160 Datasheet HTML 6Page - STMicroelectronics STPS160 Datasheet HTML 7Page - STMicroelectronics STPS160 Datasheet HTML 8Page - STMicroelectronics STPS160 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
2.1
SMA package information
•
Epoxy meets UL94, V0
•
Cooling method : by conduction (C)
Figure 12. SMA package outline
E1
E
D
C
L
A1
A2
b
Table 4. SMA package mechanical data
Ref.
Dimensions
Millimeters
Inches (for reference only)
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.074
0.097
A2
0.05
0.20
0.001
0.008
b
1.25
1.65
0.049
0.065
c
0.15
0.40
0.005
0.016
D
2.25
2.90
0.088
0.115
E
4.80
5.35
0.188
0.211
E1
3.95
4.60
0.155
0.182
L
0.75
1.50
0.029
0.060
STPS160
Package information
DS0962 - Rev 10
page 5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com