Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS160 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPS160
Description  60 V, 1 A power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS160 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STPS160 Datasheet HTML 3Page - STMicroelectronics STPS160 Datasheet HTML 4Page - STMicroelectronics STPS160 Datasheet HTML 5Page - STMicroelectronics STPS160 Datasheet HTML 6Page - STMicroelectronics STPS160 Datasheet HTML 7Page - STMicroelectronics STPS160 Datasheet HTML 8Page - STMicroelectronics STPS160 Datasheet HTML 9Page - STMicroelectronics STPS160 Datasheet HTML 10Page - STMicroelectronics STPS160 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
2.2
SMA Flat Notch package information
•
Epoxy meets UL94, V0
•
Cooling method: by conduction (C)
•
Band indicates cathode
Figure 14. SMA Flat Notch package outline
Table 5. SMA Flat Notch package mechanical data
Ref.
Dimensions
Millimeters
Inches (for reference only)
Min.
Typ.
Max.
Min.
Typ.
Max.
A1
0.90
1.10
0.035
0.044
A1
0.05
0.002
b
1.25
1.65
0.049
0.065
C
0.15
0.40
0.005
0.016
D
2.25
2.90
0.088
0.115
E
5.00
5.35
0.196
0.211
E1
3.95
4.60
0.155
0.182
G
2.00
0.079
G1
0.85
0.033
L
0.75
1.20
0.029
L1
0.45
0.018
L2
0.45
0.018
L3
0.05
0.002
V
8°
8°
V1
8°
8°
STPS160
SMA Flat Notch package information
DS0962 - Rev 10
page 7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com