Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS340 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS340
Description  40 V, 3 A power Schottky rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS340 Datasheet(HTML) 2 Page - STMicroelectronics

  STPS340 Datasheet HTML 1Page - STMicroelectronics STPS340 Datasheet HTML 2Page - STMicroelectronics STPS340 Datasheet HTML 3Page - STMicroelectronics STPS340 Datasheet HTML 4Page - STMicroelectronics STPS340 Datasheet HTML 5Page - STMicroelectronics STPS340 Datasheet HTML 6Page - STMicroelectronics STPS340 Datasheet HTML 7Page - STMicroelectronics STPS340 Datasheet HTML 8Page - STMicroelectronics STPS340 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
1
Characteristics
Table 1. Absolute ratings (limiting values at 25 °C, unless otherwise specified)
Symbol Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
40
V
IF(RMS) Forward rms current
DPAK
6
A
IF(AV)
Average forward current, δ = 0.5, square wave
SMA Flat Notch
TL = 105 °C
3
A
SMB
TL = 95 °C
SMB Flat
TL = 115 °C
SMC
TL = 105 °C
DPAK
TC = 135°C
IFSM
Surge non repetitive forward current
SMA Flat Notch
tp = 10 ms sinusoidal
105
A
All others
75
A
PARM
Repetitive peak avalanche power
tp = 10 µs, Tj = 125 °C
90
W
Tstg
Storage temperature range
-65 to +150
°C
Tj
Maximum operating junction temperature(1)
+150
°C
1. (dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 2. Thermal resistance parameter
Symbol
Parameter
Max. value
Unit
Rth(j-l)
Junction to lead
SMA Flat Notch
20
°C/W
SMB
25
SMB Flat
15
SMC
20
Rth(j-c)
Junction to case
DPAK
5.5
For more information, please refer to the following application note :
•
AN5088 : Rectifiers thermal management, handling and mounting recommendations
Table 3. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
20
µA
Tj = 125 °C
-
2
10
mA
VF(1)
Forward voltage drop
Tj = 25 °C
IF = 3 A
-
0.63
V
Tj = 125 °C
-
0.52
0.57
Tj = 25 °C
IF = 6 A
-
0.84
Tj = 125 °C
-
0.63
0.72
1. Pulse test: tp = 380 µs, δ < 2%
STPS340
Characteristics
DS0792 - Rev 13
page 2/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com